Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPY450ALTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LPY450ALTR
Description  MEMS motion sensor: dual-axis pitch and yaw ±500 dps analog gyroscope
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY450ALTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LPY450ALTR Datasheet HTML 3Page - STMicroelectronics LPY450ALTR Datasheet HTML 4Page - STMicroelectronics LPY450ALTR Datasheet HTML 5Page - STMicroelectronics LPY450ALTR Datasheet HTML 6Page - STMicroelectronics LPY450ALTR Datasheet HTML 7Page - STMicroelectronics LPY450ALTR Datasheet HTML 8Page - STMicroelectronics LPY450ALTR Datasheet HTML 9Page - STMicroelectronics LPY450ALTR Datasheet HTML 10Page - STMicroelectronics LPY450ALTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LPY450AL
Absolute maximum ratings
Doc ID 16580 Rev 1
7/14
3
Absolute maximum ratings
Stresses above those listed as “Absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 5.
Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vdd
Supply voltage
-0.3 to 6
V
Vin
Input voltage on any control pin (SLEEP/PD, ST)
-0.3 to Vdd +0.3
V
TSTG
Storage temperature range
-40 to +125
°C
A
Acceleration
3000 for 0.5 ms
g
10000 for 0.1 ms
g
ESD
Electrostatic discharge protection
2 (HBM)
kV
This is a mechanical shock sensitive device, improper handling can cause permanent
damage to the part
This is an ESD sensitive device, improper handling can cause permanent damage to
the part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com