Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE610 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPE610
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610 Datasheet(HTML) 1 Page - STMicroelectronics

  STMPE610 Datasheet HTML 1Page - STMicroelectronics STMPE610 Datasheet HTML 2Page - STMicroelectronics STMPE610 Datasheet HTML 3Page - STMicroelectronics STMPE610 Datasheet HTML 4Page - STMicroelectronics STMPE610 Datasheet HTML 5Page - STMicroelectronics STMPE610 Datasheet HTML 6Page - STMicroelectronics STMPE610 Datasheet HTML 7Page - STMicroelectronics STMPE610 Datasheet HTML 8Page - STMicroelectronics STMPE610 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
March 2010
Doc ID 15432 Rev 3
1/56
56
STMPE610
S-Touch™: advanced touchscreen controller
with 6-bit port expander
Features
6 GPIOs
1.8 - 3.3 V operating voltage
Integrated 4-wire touchscreen controller
Interrupt output pin
Wakeup feature on each I/O
SPI and I2C interface
Up to 2 devices sharing the same bus in I2C
mode (1 address line)
6-input 12-bit ADC
128-depth buffer touchscreen controller
Touchscreen movement detection algorithm
25 kV air-gap ESD protection (system level)
4 kV HBM ESD protection (device level)
Applications
Portable media players
Game consoles
Mobile and smartphones
GPS
Description
The STMPE610 is a GPIO (general purpose
input/output) port expander able to interface a
main digital ASIC via the two-line bidirectional bus
(I2C). A separate GPIO expander is often used in
mobile multimedia platforms to solve the
problems of the limited amount of GPIOs typically
available on the digital engine.
The STMPE610 offers great flexibility, as each I/O
can be configured as input, output or specific
functions. The device has been designed with
very low quiescent current and includes a wakeup
feature for each I/O, to optimize the power
consumption of the device.
A 4-wire touchscreen controller is built into the
STMPE610. The touchscreen controller is
enhanced with a movement tracking algorithm to
avoid excessive data, 128 x 32 bit buffer and a
programmable active window feature.
QFN16
(3x3mm)
Table 1.
Device summary
Order code
Package
Packaging
STMPE610QTR
QFN16
Tape and reel
www.st.com


Similar Part No. - STMPE610

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
156Kb / 12P
12 channel touch key controller
19-Jun-2007
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
STMPE1208SQTR STMICROELECTRONICS-STMPE1208SQTR Datasheet
156Kb / 12P
12 channel touch key controller
19-Jun-2007
STMPE1208SQTR STMICROELECTRONICS-STMPE1208SQTR Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
STMPE1208S STMICROELECTRONICS-STMPE1208S_08 Datasheet
721Kb / 51P
Xpander Logic with 12-channel touchkey
18-Jul-2008
More results

Similar Description - STMPE610

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
8-bit port expander with advanced touch screen controller
24-Jul-2007
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
8-bit port expander with advanced touchscreen controller
09-Jun-2008
logo
Cypress Semiconductor
CY8CTMG110 CYPRESS-CY8CTMG110 Datasheet
647Kb / 31P
TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMG120 CYPRESS-CY8CTMG120 Datasheet
790Kb / 33P
TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTST110 CYPRESS-CY8CTST110 Datasheet
641Kb / 32P
TrueTouch??Single-Touch Touchscreen Controller
CY8CTST120 CYPRESS-CY8CTST120 Datasheet
794Kb / 32P
TrueTouch??Single-Touch Touchscreen Controller
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_09 Datasheet
651Kb / 64P
Advanced resistive touch screen controller with 8-bit GPIO expander
22-Apr-2009
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
Xpander Logic™ 18-bit enhanced port expander with keypad controller
March 2011 Rev 3
STMPE812 STMICROELECTRONICS-STMPE812 Datasheet
626Kb / 51P
S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
25-Feb-2011
STMPE811 STMICROELECTRONICS-STMPE811_V01 Datasheet
558Kb / 66P
S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
18-Apr-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com