Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE821 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STMPE821
Description  8-channel capacitive touch key controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STMPE821_09 Datasheet HTML 20Page - STMicroelectronics STMPE821_09 Datasheet HTML 21Page - STMicroelectronics STMPE821_09 Datasheet HTML 22Page - STMicroelectronics STMPE821_09 Datasheet HTML 23Page - STMicroelectronics STMPE821_09 Datasheet HTML 24Page - STMicroelectronics STMPE821_09 Datasheet HTML 25Page - STMicroelectronics STMPE821_09 Datasheet HTML 26Page - STMicroelectronics STMPE821_09 Datasheet HTML 27Page - STMicroelectronics STMPE821_09 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
GPIO controller
STMPE821
24/55
7
GPIO controller
A total of 8 GPIOs are available in the STMPE821. The GPIO controller contains the
registers that allow the host system to configure each of the pins into either a GPIO, direct
output of a TOUCH channel or a PWM output. Unused GPIOs should be configured as
outputs to minimize the power consumption.
A group of registers is used to control the exact function of each of the 8 GPIOs. The
registers and their respective address is listed in the following table.
All GPIO registers are named as GPxx, where:
Xxx represents the functional group
For LSB registers:
For MSB registers:
Table 8.
GPIO controller registers summary map
Address
Register name
Description
Auto-increment
0x10
GPIO_MR_LSB
GPIO monitor pin state
register
YES
0x11
GPIO_MR_MSB
0x12
GPIO_SET_LSB
GPIO set pin state
register
YES
0x13
GPIO_SET_MSB
0x14
GPIO_DIR_LSB
GPIO set pin direction
register
YES
0x15
GPIO_DIR_MSB
0x16
GPIO_FUNCT_LSB
GPIO function register
YES
0x17
GPIO_FUNCT_MSB
76
543
2
1
0
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0
76
543
2
1
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com