Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE821QTR Datasheet(PDF) 48 Page - STMicroelectronics

Part # STMPE821QTR
Description  8-channel capacitive touch key controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821QTR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STMPE821QTR Datasheet HTML 44Page - STMicroelectronics STMPE821QTR Datasheet HTML 45Page - STMicroelectronics STMPE821QTR Datasheet HTML 46Page - STMicroelectronics STMPE821QTR Datasheet HTML 47Page - STMicroelectronics STMPE821QTR Datasheet HTML 48Page - STMicroelectronics STMPE821QTR Datasheet HTML 49Page - STMicroelectronics STMPE821QTR Datasheet HTML 50Page - STMicroelectronics STMPE821QTR Datasheet HTML 51Page - STMicroelectronics STMPE821QTR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
Electrical specifications
STMPE821
48/55
11
Electrical specifications
Table 13.
DC electrical characteristics (-40 - 85 °C unless otherwise stated)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VCC
Core supply
voltage
Supplied by
internal LDO
1.65
−
1.95
V
VIO
IO supply
voltage
2.7
−
3.6
V
Iactive
Active current
5% touch activity
VIO = 2.7-3.6 V,
VCC supplied by
internal LDO,
current measured
at VIO
−
42
63
µA
Iactive
Active current
10% touch activity
VIO = 2.7-3.6 V,
VCC supplied by
internal LDO,
current measured
at VIO
−
60
90
µA
Iactive
Active current
100% touch
activity VIO = 2.7-
3.6 V, VCC
supplied by
internal LDO,
current measured
at VIO
−
350
650
µA
Isleep
Sleep current
VIO = 2.7-3.6 V,
VCC supplied by
internal LDO,
current measured
at VIO
−
25
40
µA
Ihibernate
Hibernate
current
VIO = 2.7-3.6 V,
VCC supplied by
internal LDO,
current measured
at VIO.
−
58
µA
VIL
Input voltage
low state
(GPIO)
VIO =1.8 V
-0.3V
−
0.20 VIO
V
VIH
Input voltage
high state
(GPIO)
VIO = 1.8 V
0.80 VIO
−
VIO+0.3 V
V
VIL
Input voltage
low state
(GPIO)
VIO =2.7-3.6V
-0.3V
−
0.25 VIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com