| Electronic Components Datasheet Search |
|
MPXV5050GP Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPXV5050GP Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 31 page ![]() Figure 20. CONN_SD_CARD 8 9.1 Software—Micro SD Card SD.h file The SD Card communication is a command protocol, these commands are declared at the SD.h file. Functions are located in the SD.c file. The following commands are the principal commands. Table 6. SD Card Command Description Command Resets the SD memory card SD_CMD0 Initialization process SD_CMD1 Check mode 0 and mode 1 SD_CMD6 Host supply voltage SD_CMD8 CSD SD_CMD9 CID SD_CMD10 Stop transmission SD_CMD12 Sends status register SD_CMD13 Sets a block length SD_CMD16 Reads a block SD_CMD17 Continuously transfers SD_CMD18 Writes a block SD_CMD24 Continuously writes up to Stop mode SD_CMD25 Programs programmable bits of the CSD SD_CMD27 Sets the write protection bit SD_CMD28 Clears the write protection SD_CMD29 Sends the status of the write protection SD_CMD30 Sets the address of the first write block SD_CMD32 Sets the address of the last write block SD_CMD33 Erases all previously selected write blocks SD_CMD38 Used to Set or Reset the password or lock and unlock the card SD_CMD42 Implementing a Glucometer and Blood Pressure Monitor Medical Devices, Rev. 1, 4/2010 21 Freescale Semiconductor, Inc. Micro SD Card |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |