| Electronic Components Datasheet Search |
|
STM8S105C4T3 Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S105C4T3 Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 127 page ![]() Description 2 The STM8S105xx access line 8-bit microcontrollers offer from 16 to 32 Kbytes Flash program memory, plus integrated true data EEPROM. They are referred to as medium-density devices in the STM8S microcontroller family reference manual (RM0016). All devices of the STM8S105xx access line provide the following benefits: • Reduced system cost - Integrated true data EEPROM for up to 300 k write/erase cycles - High system integration level with internal clock oscillators, watchdog and brown-out reset. • Performance and robustness - 16 MHz CPU clock frequency - Robust I/O, independent watchdogs with separate clock source - Clock security system • Short development cycles - Applications scalability across a common family product architecture with compatible pinout, memory map and and modular peripherals. - Full documentation and a wide choice of development tools • Product longevity - Advanced core and peripherals made in a state-of-the art technology - A family of products for applications with 2.95 to 5.5 V operating supply Table 2: STM8S105xx access line features STM8S105K4 STM8S105K6 STM8S105S4 STM8S105S6 STM8S105C4 STM8S105C6 Device 32 32 44 44 48 48 Pin count 25 25 34 34 38 38 Maximum number of GPIOs 23 23 31 31 35 35 Ext. Interrupt pins 8 8 8 8 9 9 Timer CAPCOM channels 3 3 3 3 3 3 Timer complementary outputs 7 7 9 9 10 10 A/D Converter channels 12 12 15 15 16 16 High sink I/Os 16K 32K 16K 32K 16K 32K Medium density Flash Program memory (bytes) 1024 1024 1024 1024 1024 1024 Data EEPROM (bytes) 2K 2K 2K 2K 2K 2K RAM (bytes) 9/127 DocID14771 Rev 9 Description STM8S105xx |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |