Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC9331 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # P89LPC9331
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button P89LPC9331 Datasheet HTML 27Page - NXP Semiconductors P89LPC9331 Datasheet HTML 28Page - NXP Semiconductors P89LPC9331 Datasheet HTML 29Page - NXP Semiconductors P89LPC9331 Datasheet HTML 30Page - NXP Semiconductors P89LPC9331 Datasheet HTML 31Page - NXP Semiconductors P89LPC9331 Datasheet HTML 32Page - NXP Semiconductors P89LPC9331 Datasheet HTML 33Page - NXP Semiconductors P89LPC9331 Datasheet HTML 34Page - NXP Semiconductors P89LPC9331 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
31 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
7.5 Clock output
The P89LPC9331/9341/9351/9361 supports a user-selectable clock output function on
the XTAL2/CLKOUT pin when crystal oscillator is not being used. This condition occurs if
another clock source has been selected (on-chip RC oscillator, watchdog oscillator,
external clock input on XTAL1) and if the RTC and WDT are not using the crystal oscillator
as their clock source. This allows external devices to synchronize to the
P89LPC9331/9341/9351/9361. This output is enabled by the ENCLK bit in the TRIM
register.
The frequency of this clock output is 1
⁄
2 that of the CCLK. If the clock output is not needed
in Idle mode, it may be turned off prior to entering Idle, saving additional power.
7.6 On-chip RC oscillator option
The P89LPC9331/9341/9351/9361 has a 6-bit TRIM register that can be used to tune the
frequency of the RC oscillator. During reset, the TRIM value is initialized to a factory
preprogrammed value to adjust the oscillator frequency to 7.373 MHz
± 1 % at room
temperature. End-user applications can write to the TRIM register to adjust the on-chip
RC oscillator to other frequencies. When the clock doubler option is enabled (UCFG2.7 =
1), the output frequency is 14.746 MHz. If CCLK is 8 MHz or slower, the CLKLP SFR bit
(AUXR1.7) can be set to logic 1 to reduce power consumption. On reset, CLKLP is logic 0
allowing highest performance access. This bit can then be set in software if CCLK is
running at 8 MHz or slower. When clock doubler option is enabled, BOE1 bit (UCFG1.5)
and BOE0 bit (UCFG1.3) are required to hold the device in reset at power-up until VDD
has reached its specified level.
7.7 Watchdog oscillator option
The watchdog has a separate oscillator which has a frequency of 400 kHz, calibrated to
±5 % at room temperature. This oscillator can be used to save power when a high clock
frequency is not needed.
7.8 External clock input option
In this configuration, the processor clock is derived from an external source driving the
P3.1/XTAL1 pin. The rate may be from 0 Hz up to 18 MHz. The P3.0/XTAL2 pin may be
used as a standard port pin or a clock output. When using an oscillator frequency above
12 MHz, BOE1 bit (UCFG1.5) and BOE0 bit (UCFG1.3) are required to hold the device in
reset at power-up until VDD has reached its specified level.
7.9 Clock source switching on the fly
P89LPC9331/9341/9351/9361 can implement clock switching on any sources of
watchdog oscillator, 7 MHz/14 MHz internal RC oscillator, crystal oscillator and external
clock input during code is running. CLKOK bit in CLKCON register is used to indicate the
clock switch status. CLKOK is cleared when starting clock source switch and set when
completed. Notice that when CLKOK is ‘0’, writing to CLKCON register is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com