Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S207MBT3B Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM8S207MBT3B
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, 2 UARTs, SPI, I²C, CAN
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3B Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM8S207MBT3B Datasheet HTML 56Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 57Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 58Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 59Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 60Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 61Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 62Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 63Page - STMicroelectronics STM8S207MBT3B Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 103 page
background image
Electrical characteristics
STM8S207xx, STM8S208xx
60/103
Doc ID 14733 Rev 9
Total current consumption in wait mode
Table 22.
Total current consumption in wait mode at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD(WFI)
Supply
current in
wait mode
fCPU = fMASTER = 24 MHz,
TA ≤ 105 °C
HSE crystal osc. (24 MHz)
2.4
mA
HSE user ext. clock (24 MHz)
1.8
4.7
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
2.0
HSE user ext. clock (16 MHz)
1.4
4.4
HSI RC osc. (16 MHz)
1.2
1.6
fCPU = fMASTER/128 = 125 kHz
HSI RC osc. (16 MHz)
1.0
fCPU = fMASTER/128 = 15.625
kHz
HSI RC osc. (16 MHz/8)(2)
0.55
fCPU = fMASTER = 128 kHz
LSI RC osc. (128 kHz)
0.5
1.
Data based on characterization results, not tested in production.
2.
Default clock configuration measured with all peripherals off.
Table 23.
Total current consumption in wait mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD(WFI)
Supply
current in
wait mode
fCPU = fMASTER = 24 MHz,
TA ≤ 105 °C
HSE crystal osc. (24 MHz)
2.0
mA
HSE user ext. clock (24 MHz)
1.8
4.7
fCPU = fMASTER = 16 MHz
HSE crystal osc. (16 MHz)
1.6
HSE user ext. clock (16 MHz)
1.4
4.4
HSI RC osc. (16 MHz)
1.2
1.6
fCPU = fMASTER/128 = 125 kHz
HSI RC osc. (16 MHz)
1.0
fCPU = fMASTER/128 = 15.625
kHz
HSI RC osc. (16 MHz/8)(2)
0.55
fCPU = fMASTER/128 = 15.625
kHz
LSI RC osc. (128 kHz)
0.5
1.
Data based on characterization results, not tested in production.
2.
Default clock configuration measured with all peripherals off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com