Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC9S08JS8 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC9S08JS8
Description  Technical Data
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08JS8 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC9S08JS8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08JS8 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Electrical Characteristics
MC9S08JS16 Series MCU Data Sheet, Rev. 4
Freescale Semiconductor
9
2P
Output high voltage — Low drive (PTxDSn = 0)
5 V, ILoad = –2 mA
3 V, ILoad = –0.6 mA
5 V, ILoad = –0.4 mA
3 V, ILoad = –0.24 mA
VOH
VDD – 1.5
VDD – 1.5
VDD – 0.8
VDD – 0.8
—
—
—
—
—
—
—
—
V
Output high voltage — High drive (PTxDSn = 1)
5 V, ILoad = –10 mA
3 V, ILoad = –3 mA
5 V, ILoad = –2 mA
3 V, ILoad = –0.4 mA
VDD – 1.5
VDD – 1.5
VDD – 0.8
VDD – 0.8
—
—
—
—
—
—
—
—
3P
Output low voltage — Low drive (PTxDSn = 0)
5 V, ILoad = 2 mA
3 V, ILoad = 0.6 mA
5 V, ILoad = 0.4 mA
3 V, ILoad = 0.24 mA
VOL
1.5
1.5
0.8
0.8
—
—
—
—
—
—
—
—
V
Output low voltage — High drive (PTxDSn = 1)
5 V, ILoad = 10 mA
3 V, ILoad = 3 mA
5 V, ILoad = 2 mA
3 V, ILoad = 0.4 mA
1.5
1.5
0.8
0.8
—
—
—
—
—
—
—
—
4P
Output high current — Max total IOH for all ports
5 V
3 V
IOHT
—
—
—
—
100
60
mA
5P
Output low current — Max total IOL for all ports
5 V
3 V
IOLT
—
—
—
—
100
60
mA
6
P Input high voltage; all digital inputs
VIH
0.65
× V
DD
——
V
P Input low voltage; all digital inputs
VIL
——
0.35
× V
DD
7
P Input hysteresis; all digital inputs
Vhys
0.06
× V
DD
——
mV
8
9
P Input leakage current; input only pins3
|IIn|—
0.1
1
μA
10
P High Impedance (off-state) leakage current3
|IOZ|—
0.1
1
μA
11
P Internal pullup resistors4
RPU
20
45
65
k
Ω
12
P Internal pulldown resistors5
RPD
20
45
65
k
Ω
13
C
Internal pullup resistor to USBDP (to VUSB33)
Idle
Transmit
RPUPD
900
1425
—
—
1575
3090
k
Ω
14
C Input capacitance; all non-supply pins
CIn
——
8
pF
15
C RAM retention voltage
VRAM
0.6
1.0
—
V
16
P POR rearm voltage
VPOR
0.9
1.4
2.0
V
17
D POR rearm time
tPOR
10
—
—
μs
Table 6. DC Characteristics (continued)
Num C
Parameter
Symbol
Min
Typical1
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com