Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4T6TR Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM8S105C4T6TR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4T6TR Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM8S105C4T6TR Datasheet HTML 79Page - STMicroelectronics STM8S105C4T6TR Datasheet HTML 80Page - STMicroelectronics STM8S105C4T6TR Datasheet HTML 81Page - STMicroelectronics STM8S105C4T6TR Datasheet HTML 82Page - STMicroelectronics STM8S105C4T6TR Datasheet HTML 83Page - STMicroelectronics STM8S105C4T6TR Datasheet HTML 84Page - STMicroelectronics STM8S105C4T6TR Datasheet HTML 85Page - STMicroelectronics STM8S105C4T6TR Datasheet HTML 86Page - STMicroelectronics STM8S105C4T6TR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 127 page
background image
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
V
VDD + 0.3
V
0.7 x
VDD
Input high level
voltage
VIH
mV
700
Hysteresis
(1)
Vhys
kΩ
60
45
30
VDD = 5 V, VIN = VSS
Pull-up resistor
Rpu
ns
20
(2)
Fast I/Os load = 50 pF
Rise and fall
time(10 % - 90 %)
tR, tF
ns
125
(2)
Standard and high sink
I/OsLoad = 50 pF
µA
±1
(2)
VSS ≤ VIN ≤ VDD
Input leakage
current, analog
and digital
Ilkg
nA
±250
(2)
VSS ≤ VIN ≤ VDD
Analog input
leakage current
Ilkg ana
µA
±1
(2)
Injection current ±4 mA
Leakage current in
adjacent I/O
(2)
Ilkg(inj)
(1) Hysteresis voltage between Schmitt trigger switching levels. Based on characterization
results, not tested in production.
(2) Data based on characterization results, not tested in production.
Figure 24: Typical VIL and VIH vs VDD @ 4 temperatures
83/127
DocID14771 Rev 9
Electrical characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com