Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1206SFF100F/63 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1206SFF100F/63
Description  Raychem Fast Acting Surface-Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFF100F/63 Datasheet(HTML) 3 Page - Tyco Electronics

  1206SFF100F/63 Datasheet HTML 1Page - Tyco Electronics 1206SFF100F/63 Datasheet HTML 2Page - Tyco Electronics 1206SFF100F/63 Datasheet HTML 3Page - Tyco Electronics 1206SFF100F/63 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.001
0.01
0.1
1
10
100
1000
10000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
A
B
C
D
E
F
G
H
Clear Time (Second)
A = 100F/63
B = 150F/63
C = 175F/63
D = 200F/63
E = 250F/32
F = 300F/32
G = 400F/32
H = 500F/32
1206SFF Family I2T vs. Clear Time
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1
10
100
Current (A)
A
B
C
D
E
F
G
H
A = 100F/63
B = 150F/63
C = 175F/63
D = 200F/63
E = 250F/32
F = 300F/32
G = 400F/32
H = 500F/32
1206SFF Family Average Clear Time
Raychem Fast Acting Surface-mount Fuses
Electrical Specifications
Insulation Resistance after Opening:
20,000 ohms minimum
Current Carrying Capacity:
Withstands 100% rated current at
+25ºC ambient for 4 hours when
evaluated per MIL-PRF-23419
Environmental Specifications
Operating Temperature:
-55ºC to +125ºC
Mechanical Vibration:
Withstands 5-3000 Hz at 30 Gs when evaluated per Method 204 of MIL-STD-202
Mechanical Shock:
Withstands 1500 Gs, 0.5 millisecond half-sine pulses when evaluated per Method 213 of MIL-STD-202
Thermal Shock:
Withstands 100 cycles from -65ºC to +125ºC when evaluated per Method 107 of MIL-STD-202
Resistance to Soldering Heat:
Withstands 60 seconds at +260ºC when evaluated per Method 210 of MIL-STD-202
Solderbility:
Meets 95% minimum coverage requirement when evaluated per Method 208 of MIL-STD-202
Moisture Resistance:
Withstands 10 cycles when evaluated per Method 106 of MIL-STD-202
Salt Spray:
Withstands 48-hour exposure when evaluated per Method 101 of MIL-STD-202
Material Specifications
Construction Body Material:
Ceramic
Termination Material:
Silver, Nickel, Tin
Fuse Element:
Silver
Terminal Strength:
Hanging test: 0603: 0.5kg 30 seconds; 1206 1.5kg, 30 seconds; 0402 part types meet 2-pound push test
Packaging Specifications
Chip Size
Parts on 7-inch (178 mm) Reel
0402 (1005)
10,000
0603 (1608)
4,000
1206 (3216)
3,000
Thermal Derating Current
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
-55
-35
-15
5
25
45
65
85
105
125
Maximum Operating Temperature (
°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com