Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1206SFF150F/63 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1206SFF150F/63
Description  Raychem Fast Acting Surface-Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFF150F/63 Datasheet(HTML) 1 Page - Tyco Electronics

  1206SFF150F/63 Datasheet HTML 1Page - Tyco Electronics 1206SFF150F/63 Datasheet HTML 2Page - Tyco Electronics 1206SFF150F/63 Datasheet HTML 3Page - Tyco Electronics 1206SFF150F/63 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Raychem Fast Acting Surface-Mount Fuses
Applications
• Laptops
• Digital cameras
• Cell phones
• Printers
• DVD players
• Portable electronics
• Game systems
• LCD displays
• Scanners
Benefits
• Small size with high current ratings
• Excellent temperature stability
• High reliability and resilience
• Strong arc suppression characteristics
Features
• Monolithic, multilayer design
• Lead-free construction
• High temperature performance
• -55° to +125°C operating range
0402SFF025F/24
0402SFF038F/24
0402SFF050F/24
0402SFF075F/24
0402SFF100F/24
0402SFF150F/24
0402SFF200F/24
0402SFF300F/24
0402SFF400F/24
Clear Time Characteristics (Fast Acting):
% of rated current
Clear time at 25°C
100%
4 hours min.
250%
5 seconds max.
400%
0.05 seconds max.
0.028
(0.70)
0.063
0.016
(0.40)
(0.60)
(1.60)
0.024
50
32
35
24
0.039
(1.00)
0.110
0.024
(0.60)
(1.09)
(2.80)
0.043
125
63
50
32
45
24
0.071
(1.80)
0.173
0.059
(1.50)
(1.45)
(4.40)
0.057
0603SFF025F/32
0603SFF038F/32
0603SFF050F/32
0603SFF075F/32
0603SFF100F/32
0603SFF150F/32
0603SFF200F/32
0603SFF250F/32
0603SFF300F/32
0603SFF350F/32
0603SFF400F/32
0603SFF500F/32
0603SFF600F/24
1206SFF025F/125
1206SFF038F/125
1206SFF050F/63
1206SFF075F/63
1206SFF100F/63
1206SFF150F/63
1206SFF175F/63
1206SFF200F/63
1206SFF250F/32
1206SFF300F/32
1206SFF400F/32
1206SFF500F/32
1206SFF600F/24
1206SFF700F/24
1206SFF800F/24
Typical Electrical
Characteristics1
Part
Number
Recommended Land Patterns
Inch (mm)
Shape and Dimensions
Inch (mm)
Max
Interrupt Ratings1
Family
PRELIMINARY
DA T A
www.circuitprotection.com
Agency Approvals:
UL File# E197536
Voltage
Current
(VDC)
(A)
24
35
Rated Current
Nominal Cold DCR
2
(A)
(
Ω)
0.25
TBD
0.38
TBD
0.50
TBD
0.75
TBD
1.00
0.125
1.50
0.057
2.00
0.041
3.00
0.028
4.00
0.018
0.25
TBD
0.38
TBD
0.50
TBD
0.75
TBD
1.00
0.140
1.50
0.070
2.00
0.052
2.50
0.035
3.00
0.027
3.50
0.025
4.00
0.019
5.00
0.014
6.00
0.012
0.25
TBD
0.38
TBD
0.50
TBD
0.75
TBD
1.00
0.220
1.50
0.120
1.75
0.100
2.00
0.050
2.50
0.037
3.00
0.032
4.00
0.022
5.00
0.018
6.00
TBD
7.00
TBD
8.00
TBD
1. Measured at 25°C
2. Measured at 10% of rated current
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon


Similar Part No. - 1206SFF150F/63

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1206SFF150F MACOM-1206SFF150F Datasheet
965Kb / 28P
Surface-mount Fuses Fundamentals
1206SFF150F63 MACOM-1206SFF150F63 Datasheet
2Mb / 28P
Surface-mount Fuses Fundamentals
More results

Similar Description - 1206SFF150F/63

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
logo
List of Unclassifed Man...
AF2-3507 ETC2-AF2-3507 Datasheet
668Kb / 8P
2410 Fast Acting Surface Mount Fuses
AF1206F150TM ETC2-AF1206F150TM Datasheet
357Kb / 8P
1206 Fast Acting Surface Mount Fuses
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
1206 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com