Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCF53017 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCF53017
Description  Version 3 ColdFire짰 core with EMAC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF53017 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCF53017 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF53017 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF53017 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF53017 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF53017 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF53017 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF53017 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF53017 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF53017 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
Preliminary Electrical Characteristics
MCF5301x Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
21
where K is a constant pertaining to the particular part. K can be determined from Equation 3 by measuring PD (at equilibrium)
for a known TA. Using this value of K, the values of PD and TJ can be obtained by solving Equation 1 and Equation 2 iteratively
for any value of TA.
5.3
ESD Protection
5.4
DC Electrical Specifications
Table 9. ESD Protection Characteristics1, 2
1 All ESD testing is in conformity with JEDEC JESD22-A114 specification.
2 A device is defined as a failure if after exposure to ESD pulses the device no longer meets
the device specification requirements. Complete DC parametric and functional testing is
performed per applicable device specification at room temperature followed by hot
temperature, unless specified otherwise in the device specification.
Characteristics
Symbol
Value
Units
ESD Target for Human Body Model
HBM
2000
V
Table 10. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Core Supply Voltage
IVDD
1.08
1.32
V
SRAM Standby Voltage
SRAMVSTBY
1.08
1.32
V
RTC Standby Voltage
RTCVSTBY
3.0
3.6
V
PLL Supply Voltage
PLLVDD
3.0
3.6
V
CMOS Pad Supply Voltage
EVDD
3.0
3.6
V
SDRAM and FlexBus Supply Voltage
Mobile DDR/Bus Pad Supply Voltage (nominal 1.8V)
DDR/Bus Pad Supply Voltage (nominal 2.5V)
SDR/Bus Pad Supply Voltage (nominal 3.3V)
SDVDD
1.70
2.25
3.0
1.95
2.75
3.6
V
USB Supply Voltage
USBVDD
3.0
3.6
V
CMOS Input High Voltage
EVIH
0.51
× EV
DD
EVDD +0.3
V
CMOS Input Low Voltage
EVIL
VSS – 0.3
0.42
× EV
DD
V
CMOS Output High Voltage
IOH = –2.0 mA
EVOH
0.8
× EV
DD
—V
CMOS Output Low Voltage
IOL = 2.0 mA
EVOL
—0.2
× EV
DD
V
SDRAM and FlexBus Input High Voltage
Mobile DDR/Bus Input High Voltage (nominal 1.8V)
DDR/Bus Pad Supply Voltage (nominal 2.5V)
SDR/Bus Pad Supply Voltage (nominal 3.3V)
SDVIH
SDVDD × 0.7
Vref+0.15
2
SDVDD+0.3
SDVDD+0.3
SDVDD +0.3
V
SDRAM and FlexBus Input Low Voltage
Mobile DDR/Bus Input High Voltage (nominal 1.8V)
DDR/Bus Pad Supply Voltage (nominal 2.5V)
SDR/Bus Pad Supply Voltage (nominal 3.3V)
SDVIL
–0.3
–0.3
VSS – 0.3
SDVDD × 0.3
Vref+0.15
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com