Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCIMX35 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MCIMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX35 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MCIMX35 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCIMX35 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 8
Freescale Semiconductor
21
4.7
I/O Pin DC Electrical Characteristics
I/O pins are of two types: GPIO and DDR. DDR pins can be configured in three different drive strength
modes: mobile DDR, SDRAM, and DDR2. The SDRAM and mobile DDR modes can be further
customized at three drive strength levels: normal, high, and max.
Table 13 shows currents for the different DDR pin drive strength modes.
Junction to ambient1 (at 200 ft/min)
Single layer board (1s)
ReJMA
44
ºC/W
Junction to ambient1 (at 200 ft/min)
Four layer board (2s2p)
ReJMA
27
ºC/W
Junction to boards2
—ReJB
19
ºC/W
Junction to case (top)3
—ReJCtop
10
ºC/W
Junction to package top4
Natural convection
ΨJT
2ºC/W
1 Junction-to-ambient thermal resistance determined per JEDC JESD51-3 and JESD51-6. Thermal test board meets JEDEC
specification for this package.
2 Junction-to-board thermal resistance determined per JEDC JESD51-8. Thermal test board meets JEDEC specification for this
package.
3 Junction-to-case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is used
for the case temperature. Reported value includes the thermal resistance of the interface layer.
4 Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, this thermal characterization parameter is written
as Psi-JT.
Table 13. DDR Pin Drive Strength Mode Current Levels
Drive Mode
Normal
High
Max.
Mobile DDR (1.8 V)
3.6 mA
7.2 mA
10.8 mA
SDRAM (1.8 V)
—
—
6.5 mA
SDRAM (3.3 V)
4 mA
8 mA
12 mA
DDR2 (1.8 V)
—
—
13.4 mA
Table 12. Thermal Resistance Data (continued)
Rating
Condition
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com