Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA9633DP2 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCA9633DP2 Datasheet HTML 22Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 23Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 24Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 25Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 26Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 27Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 28Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 29Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
PCA9633_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 July 2008
26 of 43
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
10. Application design-in information
Question 1: What kind of edge rate control is there on the outputs?
• The typical edge rates depend on the output configuration, supply voltage, and the
applied load. The outputs can be configured as either open-drain NMOS or totem pole
outputs. If the customer is using the part to directly drive LEDs, they should be using it
in an open-drain NMOS, if they are concerned about the maximum ISS and ground
bounce. The edge rate control was designed primarily to slow down the turn-on of the
output device; it turns off rather quickly (~1.5 ns). In simulation, the typical turn-on
time for the open-drain NMOS was ~14 ns (VDD = 3.6 V; CL = 50 pF; RPU = 500 Ω).
Question 2: Is ground bounce possible?
• Ground bounce is a possibility, especially if all 16 outputs are changed at full current
(25 mA each). There is a fair amount of decoupling capacitance on chip (~50 pF),
which is intended to suppress some of the ground bounce. The customer will need to
determine if additional decoupling capacitance externally placed as close as
physically possible to the device is required.
I2C-bus address = 0010 101X.
All of the 4 LEDn outputs configurable as either open-drain or totem pole. Mixing of configurations is not possible.
(1) OE requires pull-up resistor if control signal from the master is open-drain.
Fig 22. Typical application
PCA9633
LED0
LED1
SDA
SCL
OE
VDD = 2.5 V, 3.3 V or 5.0 V
I2C-BUS/SMBus
MASTER
002aab286
SDA
SCL
10 k
Ω
OE
10 k
Ω
LED2
LED3
A0
A1
A2
VDD
A3
A4
A5
A6
VSS
5 V
10 k
Ω(1)
12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com