Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2123U/12AA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2123U/12AA
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123U/12AA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2123U/12AA Datasheet HTML 6Page - NXP Semiconductors PCF2123U/12AA Datasheet HTML 7Page - NXP Semiconductors PCF2123U/12AA Datasheet HTML 8Page - NXP Semiconductors PCF2123U/12AA Datasheet HTML 9Page - NXP Semiconductors PCF2123U/12AA Datasheet HTML 10Page - NXP Semiconductors PCF2123U/12AA Datasheet HTML 11Page - NXP Semiconductors PCF2123U/12AA Datasheet HTML 12Page - NXP Semiconductors PCF2123U/12AA Datasheet HTML 13Page - NXP Semiconductors PCF2123U/12AA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
10 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
9.3.2 Register Control_2
[1]
Default value.
9.4 OS flag
The PCF2123 includes a flag (OS in register Seconds, see Table 8) which is set whenever
the oscillator is stopped (see Figure 8 and Figure 9). The flag will remain set until cleared
by software. If the flag cannot be cleared, then the PCF2123 oscillator is not running. This
method can be used to monitor the oscillator and to determine if the supply voltage has
reduced to the point where oscillation fails.
Table 6.
Control_2 - control and status register 2 (address 01h) bits description
Bit
Symbol
Value
Description
Reference
7MI
0[1]
minute interrupt is disabled
Section 9.8.3
1
minute interrupt is enabled
6SI
0[1]
second interrupt is disabled
1
second interrupt is enabled
5
MSF
0[1]
no minute or second interrupt generated
1
flag set when minute or second interrupt
generated;
flag must be cleared to clear interrupt
when TI_IP = 0
4
TI_TP
0[1]
interrupt pin follows timer flags
Section 9.9.2
1
interrupt pin generates a pulse
3AF
0[1]
no alarm interrupt generated
Section 9.7.5
1
flag set when alarm triggered;
flag must be cleared to clear interrupt
2TF
0[1]
no countdown timer interrupt generated
Section 9.8.4
1
flag set when countdown timer interrupt
generated;
flag must be cleared to clear interrupt
when TI_IP = 0
1
AIE
0[1]
no interrupt generated from the alarm flag
Section 9.9.3
1
interrupt generated when alarm flag set
0
TIE
0[1]
no interrupt generated from the countdown
timer
Section 9.9.2
1
interrupt generated by the countdown timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com