Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8578 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8578
Description  LCD row/column driver for dot matrix graphic displays
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8578 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8578 Datasheet HTML 17Page - NXP Semiconductors PCF8578 Datasheet HTML 18Page - NXP Semiconductors PCF8578 Datasheet HTML 19Page - NXP Semiconductors PCF8578 Datasheet HTML 20Page - NXP Semiconductors PCF8578 Datasheet HTML 21Page - NXP Semiconductors PCF8578 Datasheet HTML 22Page - NXP Semiconductors PCF8578 Datasheet HTML 23Page - NXP Semiconductors PCF8578 Datasheet HTML 24Page - NXP Semiconductors PCF8578 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
PCF8578_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 5 May 2009
21 of 46
NXP Semiconductors
PCF8578
LCD row/column driver for dot matrix graphic displays
master receiver must signal an end of data to the slave transmitter, by not generating an
acknowledge on the last byte clocked out of the slave. The slave transmitter then leaves
the data line HIGH, enabling the master to generate a STOP condition (P).
Display bytes are written into, or read from the RAM at the address specified by the data
pointer and subaddress counter. Both the data pointer and subaddress counter are
automatically incremented, enabling a stream of data to be transferred either to, or from
the intended devices.
In multiple device applications, the hardware subaddress pins of the PCF8579s (A0 to A3)
are connected to VSS or VDD to represent the desired hardware subaddress code. If two or
more devices share the same slave address, then each device must be allocated to a
unique hardware subaddress.
8.9 Display RAM
The PCF8578 contains a 32
× 40-bit static RAM which stores the display data. The RAM
is divided into 4 banks of 40 bytes (4
× 8 × 40 bits). During RAM access, data is
transferred to and from the RAM via the I2C-bus. The first eight columns of data (0 to 7)
cannot be displayed but are available for general data storage and provide compatibility
with the PCF8579. There is a direct correspondence between X-address and column
output number.
8.9.1 Data pointer
The addressing mechanism for the display RAM is realized using the data pointer. This
allows an individual data byte or a series of data bytes to be written into, or read from, the
display RAM, controlled by commands sent on the I2C-bus.
8.9.2 Subaddress counter
The storage and retrieval of display data is dependent on the content of the subaddress
counter. Storage takes place only when the contents of the subaddress counter match
with the hardware subaddress. The hardware subaddress of the PCF8578, valid in mixed
mode only, is fixed at 0000.
8.10 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus.
The five commands available to the PCF8578 are defined in Table 9.
The most-significant bit of a command is the continuation bit C (see Table 10 and
Figure 16). Commands are transferred in WRITE mode only.
Table 9.
Definition of PCF8578 commands
Command
Operation code
Reference
Bit
7
6
5
4
3
2
1
0
set-mode
C
1
0
T
E[1:0]
M[1:0]
Table 11
set-start-bank
C
11111
B[1:0]
Table 12
device-select
C
1
1
0
A[3:0]
Table 13
RAM-access
C
1
1
1
G[1:0]
Y[1:0]
Table 14
load-X-address
C
0
X[5:0]
Table 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com