Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDTA115TK Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PDTA115TK
Description  PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA115TK Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PDTA115TK Datasheet HTML 9Page - NXP Semiconductors PDTA115TK Datasheet HTML 10Page - NXP Semiconductors PDTA115TK Datasheet HTML 11Page - NXP Semiconductors PDTA115TK Datasheet HTML 12Page - NXP Semiconductors PDTA115TK Datasheet HTML 13Page - NXP Semiconductors PDTA115TK Datasheet HTML 14Page - NXP Semiconductors PDTA115TK Datasheet HTML 15Page - NXP Semiconductors PDTA115TK Datasheet HTML 16Page - NXP Semiconductors PDTA115TK Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PDTA115T_SER_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 September 2009
13 of 17
NXP Semiconductors
PDTA115T series
PNP resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
Fig 10. Package outline SOT323 (SC-70)
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
2.2
1.8
1.35
1.15
0.65
e
1.3
2.2
2.0
0.23
0.13
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT323
SC-70
w M
bp
D
e1
e
A
B
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
y
0
1
2 mm
scale
A
X
12
3
Plastic surface-mounted package; 3 leads
SOT323
04-11-04
06-03-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com