Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PICOSMDC035S Datasheet(PDF) 11 Page - Tyco Electronics

Part # PICOSMDC035S
Description  PolySwitch Resettable Devices Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PICOSMDC035S Datasheet(HTML) 11 Page - Tyco Electronics

Back Button PICOSMDC035S Datasheet HTML 7Page - Tyco Electronics PICOSMDC035S Datasheet HTML 8Page - Tyco Electronics PICOSMDC035S Datasheet HTML 9Page - Tyco Electronics PICOSMDC035S Datasheet HTML 10Page - Tyco Electronics PICOSMDC035S Datasheet HTML 11Page - Tyco Electronics PICOSMDC035S Datasheet HTML 12Page - Tyco Electronics PICOSMDC035S Datasheet HTML 13Page - Tyco Electronics PICOSMDC035S Datasheet HTML 14Page - Tyco Electronics PICOSMDC035S Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
101
RoHS Compliant, ELV Compliant
HF Halogen Free
10
Fault Current (A)
10
1
0.1
0.01
0.001
0.1
1
100
10
A
A
B
B
C
D
D
E
E
F
F
G
G
H
H
Figure S7
nanoSMDCxxxF
A=
nanoSMDC012F
B=
nanoSMDC016F
C=
nanoSMDC020F
D=
nanoSMDC035F
E=
nanoSMDC050F/13.2
F=
nanoSMDC075F
G=
nanoSMDC110F
H=
nanoSMDC150F
Fault Current (A)
100
10
1
0.1
0.01
0.001
0.01
0.1
10
1
A
A
BC
B
C
Figure S5
femtoSMDCxxxF
A =
femtoSMDC005F*
B =
femtoSMDC010F*
C =
femtoSMDC016F
* Data is preliminary
Fault Current (A)
10
1
0.1
0.01
0.001
0.0001
0.1
1
100
10
A
A
B
B
C
C
D
D
E
E
Figure S6
picoSMDCxxxS
A =
picoSMDC010S*, picoSMDC012S*
B =
picoSMDC020S
C =
picoSMDC035S
D =
picoSMDC075S*
E =
picoSMDC100S*
* Data is preliminary
Figure S5-S15 Typical Time-to-trip Curves at 20°C for Surface-mount Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com