Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RUSBF135-AP Datasheet(PDF) 10 Page - Tyco Electronics

Part # RUSBF135-AP
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF135-AP Datasheet(HTML) 10 Page - Tyco Electronics

Back Button RUSBF135-AP Datasheet HTML 6Page - Tyco Electronics RUSBF135-AP Datasheet HTML 7Page - Tyco Electronics RUSBF135-AP Datasheet HTML 8Page - Tyco Electronics RUSBF135-AP Datasheet HTML 9Page - Tyco Electronics RUSBF135-AP Datasheet HTML 10Page - Tyco Electronics RUSBF135-AP Datasheet HTML 11Page - Tyco Electronics RUSBF135-AP Datasheet HTML 12Page - Tyco Electronics RUSBF135-AP Datasheet HTML 13Page - Tyco Electronics RUSBF135-AP Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
120
RoHS Compliant, ELV Compliant
10
F
B
D
C
C to
L
C
L
C
L C
L
A
E
Figure R12
J
J
Figure R13
A
E
C
H
Figure R14
BBRF
99V
BBRF550
—
10.9
—
14.0
4.3
5.8
7.6
—
—
3.6
—
1.37
1.2
R6, R13,
(0.43)
(0.55)
(0.17) (0.23)
(0.3)
(0.14)
(0.054)
(0.05)
R14
RXEF
60V
RXEF005
—
8.0
—
8.3
4.3
5.8
7.6
——
3.0
—
1.07
1.0
R7, R13,
(0.32)
(0.33)
(0.17) (0.23)
(0.30)
(0.12)
(0.042)
(0.04)
R14
RXEF010
—
7.4
—
11.6
4.3
5.8
7.6
—
—
3.0
—
1.07
1.0
R7, R13,
(0.29)
(0.46)
(0.17) (0.23)
(0.30)
(0.12)
(0.042)
(0.04)
R14
RXEF017
—
7.4
—
12.7
4.3
5.8
7.6
—
—
3.0
—
1.68
1.7
R7, R13,
(0.29)
(0.50)
(0.17) (0.23)
(0.30)
(0.12)
(0.066)
(0.07)
R14
RXEF
72V
RXEF020
—
7.4
—
11.7
4.3
5.8
7.6
—
—
3.0
—
1.17
1.0
R8, R13,
(0.29)
(0.46)
(0.17) (0.23)
(0.30)
(0.12)
(0.046)
(0.04)
R14
RXEF025
—
7.4
—
12.7
4.3
5.8
7.6
—
—
3.0
—
1.17
1.0
R8, R13,
(0.29)
(0.50)
(0.17) (0.23)
(0.30)
(0.12)
(0.046)
(0.04)
R14
RXEF030
—
7.4
—
12.7
4.3
5.8
7.6
—
—
3.0
—
1.17
1.0
R8, R13,
(0.29)
(0.50)
(0.17) (0.23)
(0.30)
(0.12)
(0.046)
(0.04)
R14
RXEF040
—
7.6
—
13.5
4.3
5.8
7.6
—
—
3.0
—
1.17
1.2
R8, R13,
(0.30)
(0.53)
(0.17) (0.23)
(0.30)
(0.12)
(0.046)
(0.05)
R14
RXEF050
—
7.9
—
13.7
4.3
5.8
7.6
—
—
3.0
—
1.17
1.2
R8, R13,
(0.31)
(0.54)
(0.17) (0.23)
(0.30)
(0.12)
(0.046)
(0.05)
R14
RXEF065
—
9.4
—
14.5
4.3
5.8
7.6
—
—
3.0
—
1.17
1.5
R8, R13,
(0.37)
(0.57)
(0.17) (0.23)
(0.30)
(0.12)
(0.046)
(0.06)
R14
RXEF075
—
10.2
—
15.2
4.3
5.8
7.6
—
—
3.0
—
1.17
1.5
R8, R13,
(0.40)
(0.60)
(0.17) (0.23)
(0.30)
(0.12)
(0.046)
(0.06)
R14
RXEF090
—
11.2
—
15.8
4.3
5.8
7.6
—
—
3.0
—
1.17
1.5
R8, R13,
(0.44)
(0.62)
(0.17) (0.23)
(0.30)
(0.12)
(0.046)
(0.06)
R14
RXEF110
—
12.8
—
17.5
4.3
5.8
7.6
—
—
3.0
—
1.37
1.2
R9, R13,
(0.50)
(0.69)
(0.17) (0.23)
(0.30)
(0.12)
(0.054)
(0.05)
R14
RXEF135
—
14.5
—
19.1
4.3
5.8
7.6
—
—
3.0
—
1.37
1.2
R9, R13,
(0.57)
(0.75)
(0.17) (0.23)
(0.30)
(0.12)
(0.054)
(0.05)
R14
RXEF160
—
16.3
—
20.8
4.3
5.8
7.6
—
—
3.0
—
1.37
1.5
R9, R13,
(0.64)
(0.82)
(0.17) (0.23)
(0.30)
(0.12)
(0.054)
(0.06)
R14
RXEF185
—
17.5
—
22.4
4.3
5.8
7.6
—
—
3.0
—
1.37
1.5
R9, R13,
(0.69)
(0.88)
(0.17) (0.23)
(0.30)
(0.12)
(0.054)
(0.06)
R14
RXEF250
—
20.8
—
25.4
9.4
10.9
7.6
—
—
3.0
—
1.37
1.7
R9, R13,
(0.82)
(1.00)
(0.37) (0.43)
(0.30)
(0.12)
(0.054)
(0.07)
R14
RXEF300
—
23.9
—
28.6
9.4
10.9
7.6
—
—
3.0
—
1.37
1.7
R9, R13,
(0.94)
(1.13)
(0.37) (0.43)
(0.30)
(0.12)
(0.054)
(0.07)
R14
RXEF375
—
27.2
—
31.8
9.4
10.9
7.6
—
—
3.0
—
1.37
1.7
R9, R13,
(1.07)
(1.25)
(0.37) (0.43)
(0.30)
(0.12)
(0.054)
(0.07)
R14
Part Number
A
Min.
Max.
J
Typ.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Typ.
H
Typ.
Table R4 Dimensions for Radial-leaded Devices in Millimeters (Inches)
Figure R6-R14 Dimension Figures for Radial-leaded Devices
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com