Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RUSBF185-2 Datasheet(PDF) 15 Page - Tyco Electronics

Part # RUSBF185-2
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF185-2 Datasheet(HTML) 15 Page - Tyco Electronics

Back Button RUSBF185-2 Datasheet HTML 11Page - Tyco Electronics RUSBF185-2 Datasheet HTML 12Page - Tyco Electronics RUSBF185-2 Datasheet HTML 13Page - Tyco Electronics RUSBF185-2 Datasheet HTML 14Page - Tyco Electronics RUSBF185-2 Datasheet HTML 15Page - Tyco Electronics RUSBF185-2 Datasheet HTML 16Page - Tyco Electronics RUSBF185-2 Datasheet HTML 17Page - Tyco Electronics RUSBF185-2 Datasheet HTML 18Page - Tyco Electronics RUSBF185-2 Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Figures R17-R23 - Typical Time-to-trip curves at 20°C for Radial-leaded Devices
Cont'd
...
RGEF
(data at 25°C)
A = RGEF250
B = RGEF300
C = RGEF400
D = RGEF500
E = RGEF600
F = RGEF700
G = RGEF800
H = RGEF900
I = RGEF1000
J = RGEF1100
K = RGEF1200
L = RGEF1400
RHEF
(data at 25°C)
A = RHEF050
B = RHEF070
C = RHEF100
D = RHEF200
E = RHEF300
F = RHEF400
G = RHEF450
H = RHEF550
I = RHEF600
J = RHEF650
K = RHEF700
L = RHEF750
M = RHEF800
N = RHEF900
O = RHEF1000
P = RHEF1100
Q = RHEF1300
R = RHEF1400
S = RHEF1500
RUSBF
A = RUSBF075
B = RUSBF090
C = RUSBF110
D = RUSBF120
E = RUSBF135
F = RUSBF155
G = RUSBF160
H = RUSBF185
I = RUSBF250
Figure R21
Figure R22
Figure R23
Fault current (A)
Fault current (A)
1
100
10
1
.1
.01
.001
10
100
CD E F G H
I
B
A
C
D
E
F
G
H
I
B
A
Fault current (A)
1
1000
100
10
1
0.1
.01
.001
10
100
BC D E FG
I
HK L
J
B
C
D
E
F
G
I
H
K
L
J
A
A
13
124
1
10
100
A
B
CD
E
FG HI JKLM NO P QR S
A
B
C
D E
F
G
H
I
J
K
L
M
N
O
P
Q
R
S
0.01
0.1
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com