Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4051-2ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4051-2ARMZ
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ARMZ Datasheet(HTML) 5 Page - Analog Devices

  ADA4051-2ARMZ Datasheet HTML 1Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 2Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 3Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADA4051-1/ADA4051-2
Rev. B | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 4.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
±VSY ± 0.3 V
Input Current1
±10 mA
Differential Input Voltage2
±VSY
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
θJA is specified for the worst-case conditions, that is, a device
soldered on a circuit board for surface-mount packages with its
exposed paddle soldered to a pad, if applicable. Table 5 shows
simulated thermal values for a 4-layer (2S2P) JEDEC standard
thermal test board, unless otherwise specified.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
5-Lead SOT-23 (RJ-5)
190
92
°C/W
5-Lead SC-70 (KS-5)
534
173
°C/W
8-Lead MSOP (RM-8)
142
45
°C/W
8-Lead LFCSP (CP-8-2)
77
14
°C/W
1 The input pins have clamp diodes to the power supply pins. Limit the input
current to 10 mA or less whenever input signals exceed the power supply
rail by 0.3 V.
POWER SEQUENCING
2 Inputs are protected against high differential voltages by internal series
1.33 kΩ resistors and back-to-back diode-connected N-MOSFETs (with a
typical VT of 0.7 V for VCM of 0 V).
The op amp supplies must be established simultaneously with
or before any input signals are applied. If this is not possible, the
input current must be limited to 10 mA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com