Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE24C04/08ADPUH Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE24C04/08ADPUH
Description  Two-wire Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C04/08ADPUH Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24C04/08ADPUH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C04/08ADPUH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C04/08ADPUH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C04/08ADPUH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C04/08ADPUH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C04/08ADPUH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C04/08ADPUH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C04/08ADPUH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C04/08ADPUH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
 
                                                                                                      
ACE24C04.08A
                        Technology
Two-wire Serial EEPROM
VER 1.2
4
Memory Organization
ACE24C04A, 4K SERIAL EEPROM:
Internally organized with 32 pages of 16 bytes each, the 4K requires an 9-bit data word
address for random word addressing.
ACE24C08A, 8K SERIAL EEPROM:
Internally organized with 64 pages of 16 bytes each, the 8K requires an 10-bit data word
address for random word addressing.
Pin Capacitance
Applicable over recommended operating range from: TA = 25℃, f = 1.0 MHz, VCC = +1.7V.
Symbol
Test Condition
Max
Units
Conditions
CI/O
1
Input / Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
1
Input Capacitance (A0, A1, A2, SCL)
6
pF
VIN = 0V
Note: This parameter is characterized and is not 100% tested.
DC Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
1.7
5.5
V
ICC1
Supply Current
VCC = 5.5V, Read at 400K
0.4
1.0
mA
ICC2
Supply Current
VCC = 5.5V, Write at 400K
2.0
3.0
mA
ISB1
Standby Current
VCC = 1.7V, VIN = VCC/ VSS
3
6.0
µA
ISB2
Standby Current
VCC = 5.5V, VIN = VCC/ VSS
8
18.0
µA
ILI
Input Leakage Current
VIN = VCC/VSS
0.10
3.0
µA
ILO
Output Leakage Current
VOUT = VCC/ VSS
0.05
3.0
µA
VIL
1
Input Low Level
-0.6
VCCx0.3
V
VIH
1
Input High Level
VCCx0.7
5.5
V
VOL
2
Output Low Level
VCC = 3.0V, IOL = 2.1 mA
0.4
V
VOL
1
Output Low Level
VCC = 1.7V, IOL = 0.15 mA
0.2
V
Note: 1.
VIL min and VIH max are reference only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com