Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F46J50 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC18F46J50
Description  PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F46J50 Datasheet(HTML) 1 Page - Microchip Technology

  PIC18F46J50 Datasheet HTML 1Page - Microchip Technology PIC18F46J50 Datasheet HTML 2Page - Microchip Technology PIC18F46J50 Datasheet HTML 3Page - Microchip Technology PIC18F46J50 Datasheet HTML 4Page - Microchip Technology PIC18F46J50 Datasheet HTML 5Page - Microchip Technology PIC18F46J50 Datasheet HTML 6Page - Microchip Technology PIC18F46J50 Datasheet HTML 7Page - Microchip Technology PIC18F46J50 Datasheet HTML 8Page - Microchip Technology PIC18F46J50 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2010 Microchip Technology Inc.
DS80436C-page 1
PIC18F46J50 FAMILY
The PIC18F46J50 family devices that you have received
conform functionally to the current Device Data Sheet
(DS39931C), except for the anomalies described in this
document.
The silicon issues discussed in the following pages are
for silicon revisions with the Device and Revision IDs
listed in Table 1. The silicon issues are summarized in
Table 2.
The errata described in this document will be addressed
in future revisions of the PIC18F46J50 family silicon.
Data Sheet clarifications and corrections start on page 8,
following the discussion of silicon issues.
The silicon revision level can be identified using the
current version of MPLAB® IDE and Microchip’s
programmers, debuggers, and emulation tools, which
are available at the Microchip corporate web site
(www.microchip.com).
For example, to identify the silicon revision level using
MPLAB IDE in conjunction with MPLAB ICD 2 or
PICkit™ 3:
1.
Using the appropriate interface, connect the
device to the MPLAB ICD 2 programmer/
debugger or PICkit™ 3.
2.
From the main menu in MPLAB IDE, select
Configure>Select Device, and then select the
target part number in the dialog box.
3.
Select
the
MPLAB
hardware
tool
(Debugger>Select Tool).
4.
Perform a “Connect” operation to the device
(Debugger>Connect). Depending on the devel-
opment tool used, the part number and Device
Revision ID value appear in the Output window.
The DEVREV values for the various PIC18F46J50 family
silicon revisions are shown in Table 1.
Note:
This document summarizes all silicon
errata issues from all revisions of silicon,
previous as well as current. Only the
issues indicated in the last column of
Table 2 apply to the current silicon revision
(Rev. A4).
Note:
If you are unable to extract the silicon
revision level, please contact your local
Microchip sales office for assistance.
TABLE 1:
SILICON DEVREV VALUES
Part Number
Device ID(1)
Revision ID for Silicon Revision(2)
A2
A4
PIC18F24J50
4C0Xh
2h
4h
PIC18F25J50
4C2Xh
PIC18F26J50
4C4Xh
PIC18F44J50
4C6Xh
PIC18F45J50
4C8Xh
PIC18F46J50
4CAXh
PIC18LF24J50
4CCXh
PIC18LF25J50
4CEXh
PIC18LF26J50
4D0Xh
PIC18LF44J50
4D2Xh
PIC18LF45J50
4D4Xh
PIC18LF46J50
4D6Xh
Note 1:
The Device IDs (DEVID and DEVREV) are located at the last two implemented addresses of configuration
memory space. They are shown in hexadecimal in the format “DEVID DEVREV”.
2:
Refer to the “PIC18F2XJXX/4XJXX Family Flash Microcontroller Programming Specification” (DS39687)
for detailed information on Device and Revision IDs for your specific device.
PIC18F46J50 Family
Silicon Errata and Data Sheet Clarification


Similar Part No. - PIC18F46J50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F46J50 MICROCHIP-PIC18F46J50 Datasheet
4Mb / 562P
28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
PIC18F46J50-IPT MICROCHIP-PIC18F46J50-IPT Datasheet
4Mb / 562P
28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
02/18/11
PIC18F46J50 MICROCHIP-PIC18F46J50_11 Datasheet
4Mb / 562P
28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
More results

Similar Description - PIC18F46J50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
Silicon Errata and Data Sheet Clarification
2011
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24FJ32GA002-I-ML MICROCHIP-PIC24FJ32GA002-I-ML Datasheet
216Kb / 24P
PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com