Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPP20-243.3SW Datasheet(PDF) 4 Page - Recom International Power

Part # RPP20-243.3SW
Description  20 Watt Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP20-243.3SW Datasheet(HTML) 4 Page - Recom International Power

  RPP20-243.3SW Datasheet HTML 1Page - Recom International Power RPP20-243.3SW Datasheet HTML 2Page - Recom International Power RPP20-243.3SW Datasheet HTML 3Page - Recom International Power RPP20-243.3SW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PP-8
www.recom-electronic.com
REV: 2/2009
POWERLINE+
DC/DC-Converter
RPP20-S_DW
Series
Package Style and Pinning (mm)
3
1
2
5
4
20.30
40.60
dia.
1.0
10.20
10.20
12.70
10.20
Bottom View
6
2.50
5.10
25.40
5.6
11.70
Standoff
= 1.3
3.3
3rd angle
projection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Com
5
-Vout
-Vout
6
CTRL
CTRL
Trim Up
10k
W
Trimpot
Trim Down
10k
W
Trimpot
10k
W
Trimpot
Trim
+Vout
-Vout
Trim
+Vout
-Vout
RPP20-2405SW
Typical Characteristics
92
83
82
Input Voltage (V)
9
84
85
86
87
88
89
91
90
12
18
24
15
27
21
30
Efficiency VS Input Voltage
33
36
91
70
60
45
Output Load (%)
10
80
82
84
86
88
89
90
50
20
60
90
40
50
70 80
30
Efficiency VS Output Load
Vin=60V
Vin=20V
Vin=36V
External Output Trimming
Refer To Application Notes for
recommended resistor Values



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com