| Electronic Components Datasheet Search |
|
T525B686M006AE080 Datasheet(PDF) 2 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
T525B686M006AE080 Datasheet(HTML) 2 Page - Kemet Corporation |
|
2 / 5 page ![]() ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 CONDUCTIVE POLYMER CHIP CAPACITORS T525 SERIES - High Temperature T 525 Capacitance Picofarad Code Case Size B, D, T Tantalum Series T525 - High Temperature D 337 M 006 T Capacitance Tolerance M = ± 20% Lead Material Failure Rate A - Not Applicable Voltage T - 100% Tin E040 ESR A First two digits represent significant figures. Third digit specifies number of zeros to follow. Tantalum Polymer (KT) Note: 006 - 6.3 Expressed in milliohms H - Tin/Lead (SnPb 5% Pb minimum) T525 ORDERING INFORMATION T525 RATINGS & PART NUMBER REFERENCE (1) To complete KEMET Part Number, insert lead material designation for ordering information below. Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET’S option. Voltage substitutions will be marked with the higher voltage rating. 55 Rated Voltage (V) Rated Capacitance ( μF) Case Code/ Case Size KEMET Part Number DC Leakage µA @ 20°C max/5min DF% @ 20°C 120 Hz Max ESR m Ω @ 20°C 100 kHz Max Maximum allowable ripple current (mArms) 100kHz* MSL Reflow Temp ≤ 260ºC 100 T/3528-12 T525T107M2R5A(1)E080 25 8.0 80 1100 330 D/7343-31 T525D337M2R5A(1)E025 83 10.0 25 3000 470 D/7343-31 T525D477M2R5A(1)E025 118 10.0 25 3000 680 D/7343-31 T525D687M2R5A(1)E025 170 10.0 25 3000 100 B/3528-20 T525B107M003A(1)E080 30 8.0 80 1300 150 B/3528-20 T525B157M003A(1)E080 45 8.0 80 1300 330 D/7343-31 T525D337M003A(1)E025 99 10.0 25 3000 470 D/7343-31 T525D477M003A(1)E025 141 10.0 25 3000 680 D/7343-31 T525D687M003A(1)E025 204 10.0 25 3000 68 T/3528-12 T525T686M004A(1)E080 27 8.0 80 1100 68 B/3528-20 T525B686M004A(1)E080 28 8.0 80 1300 100 B/3528-20 T525B107M004A(1)E080 40 8.0 80 1300 220 D/7343-31 T525D227M004A(1)E025 88 10.0 25 3000 330 D/7343-31 T525D337M004A(1)E025 132 10.0 25 3000 470 D/7343-31 T525D477M004A(1)E025 188 10.0 25 3000 470 D/7343-31 T525D477M004A(1)E040 188 10.0 40 2400 33 B/3528-20 T525B336M006A(1)E080 21 8.0 80 1300 47 T/3528-12 T525T476M006A(1)E080 30 8.0 80 1100 47 B/3528-20 T525B476M006A(1)E070 30 8.0 70 1300 47 B/3528-20 T525B476M006A(1)E080 30 8.0 80 1300 68 B/3528-20 T525B686M006A(1)E080 43 8.0 80 1300 150 D/7343-31 T525D157M006A(1)E025 95 10.0 25 3000 220 D/7343-31 T525D227M006A(1)E025 139 10.0 25 3000 330 D/7343-31 T525D337M006A(1)E025 208 10.0 25 3000 330 D/7343-31 T525D337M006A(1)E040 208 10.0 40 2400 8 33 T/3528-12 T525T336M008A(1)E080 26 8.0 80 1100 3 22 B/3528-20 T525B226M010A(1)E080 22 8.0 80 1300 33 T/3528-12 T525T336M010A(1)E080 33 8.0 80 1100 33 B/3528-20 T525B336M010A(1)E080 33 8.0 80 1300 100 D/7343-31 T525D107M010A(1)E025 100 10.0 25 3000 100 D/7343-31 T525D107M010A(1)E055 100 10.0 55 2000 150 D/7343-31 T525D157M010A(1)E025 150 10.0 25 3000 150 D/7343-31 T525D157M010A(1)E055 150 10.0 55 2000 220 D/7343-31 T525D227M010A(1)E025 220 10.0 25 3000 47 D/7343-31 T525D476M016A(1)E035 76 10.0 35 2500 47 D/7343-31 T525D476M016A(1)E065 76 10.0 65 1900 3 2.5 3 4 3 3 6.3 3 *100kHz to 500kHz, 45º C 16 3 10 3 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |