Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640J3D-75 Datasheet(PDF) 39 Page - Numonyx B.V

Part # JS28F640J3D-75
Description  Numonyx??Embedded Flash Memory (J3 v. D)
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640J3D-75 Datasheet(HTML) 39 Page - Numonyx B.V

Back Button JS28F640J3D-75 Datasheet HTML 35Page - Numonyx B.V JS28F640J3D-75 Datasheet HTML 36Page - Numonyx B.V JS28F640J3D-75 Datasheet HTML 37Page - Numonyx B.V JS28F640J3D-75 Datasheet HTML 38Page - Numonyx B.V JS28F640J3D-75 Datasheet HTML 39Page - Numonyx B.V JS28F640J3D-75 Datasheet HTML 40Page - Numonyx B.V JS28F640J3D-75 Datasheet HTML 41Page - Numonyx B.V JS28F640J3D-75 Datasheet HTML 42Page - Numonyx B.V JS28F640J3D-75 Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
November 2007
Datasheet
308551-05
39
Numonyx™ Embedded Flash Memory (J3 v. D)
The following sections describe each programming method.
9.3.1
Single-Word/Byte Programming
Array programming is performed by first issuing the Single-Word/Byte Program
command. This is followed by writing the desired data at the desired array address. The
read mode of the device is automatically changed to Read Status Register mode, which
remains in effect until another read-mode command is issued.
During programming, STS and the Status Register indicate a busy status (SR7 = 0).
Upon completion, STS and the Status Register indicate a ready status (SR7 = 1). The
Status Register should be checked for any errors (SR4), then cleared.
Note:
Issuing the Read Array command to the device while it is actively programming causes
subsequent reads from the device to output invalid data. Valid array data is output only
after the program operation has finished.
Standby power levels are not be realized until the programming operation has finished.
Also, asserting RP# aborts the programming operation, and array contents at the
addressed location are indeterminate. The addressed block should be erased, and the
data re-programmed. If a Single-Word/Byte program is attempted when the
corresponding block lock-bit is set, SR1 and SR4 will be set.
9.3.2
Buffered Programming
Buffered programming operations simultaneous program multiple words into the flash
memory array, significantly reducing effective word-write times. User-data is first
written to a write buffer, then programmed into the flash memory array in buffer-size
increments. Appendix , “Flow Charts” contains a flow chart of the buffered-
programming operation.
Note:
Optimal performance and power consumption is realized only by aligning the start
address on 32-word boundaries (i.e., A[4:0] = 0b00000). Crossing a 32-word boundary
during a buffered programming operation can cause programming time to double.
To perform a buffered programming operation, first issue the Buffered Program setup
command at the desired starting address. The read mode of the device/addressed
partition is automatically changed to Read Status Register mode.
Polling SR7 determines write-buffer availability (0 = not available, 1 = available). If the
write buffer is not available, re-issue the setup command and check SR7; repeat until
SR7 = 1.
Next, issue the word count at the desired starting address. The word count represents
the total number of words to be written into the write buffer, minus one. This value can
range from 00h (one word) to a maximum of 1Fh (32 words). Exceeding the allowable
range causes an abort.
Following the word count, the write buffer is filled with user-data. Subsequent bus-
write cycles provide addresses and data, up to the word count. All user-data addresses
must lie between <starting address> and <starting address + word count>, otherwise
the WSM continues to run as normal but, user may advertently change the content in
unexpected address locations.
Note:
User-data is programmed into the flash array at the address issued when filling the
write buffer.
After all user-data is written into the write buffer, issue the confirm command. If a
command other than the confirm command is issued to the device, a command
sequence error occurs and the operation aborts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com