Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF5002 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF5002
Description  4GHz to 18GHz Divide-by-8 Prescaler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5002 Datasheet(HTML) 4 Page - Analog Devices

  ADF5002 Datasheet HTML 1Page - Analog Devices ADF5002 Datasheet HTML 2Page - Analog Devices ADF5002 Datasheet HTML 3Page - Analog Devices ADF5002 Datasheet HTML 4Page - Analog Devices ADF5002 Datasheet HTML 5Page - Analog Devices ADF5002 Datasheet HTML 6Page - Analog Devices ADF5002 Datasheet HTML 7Page - Analog Devices ADF5002 Datasheet HTML 8Page - Analog Devices ADF5002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADF5002
Rev. 0 | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VDDx to GND
−0.3 V to +3.9 V
RFIN
10 dBm
Operating Temperature Range
Industrial (B Version)
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
LFCSP Thermal Impedance
Junction-to-Ambient (θJA)
90°C/W
Junction-to-Case (θJC)
30°C/W
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with
an ESD rating of 2 kV, human body model (HBM), and is ESD
sensitive. Proper precautions should be taken for handling and
assembly.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com