Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

591EB148M352DG Datasheet(PDF) 1 Page - Silicon Laboratories

Part # 591EB148M352DG
Description  1 ps MAX JITTER CRYSTAL OSCILLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

591EB148M352DG Datasheet(HTML) 1 Page - Silicon Laboratories

  591EB148M352DG Datasheet HTML 1Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 2Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 3Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 4Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 5Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 6Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 7Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 8Page - Silicon Laboratories 591EB148M352DG Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary Rev. 0.25 7/09
Copyright © 2009 by Silicon Laboratories
Si590/591
Si590/591
1 ps M AX J ITTER C RYSTAL O SCILLATOR (XO)
(10 M H Z TO 525 MH Z)
Features
Applications
Description
The Si590/591 XO utilizes Silicon Laboratories’ advanced DSPLL® circuitry
to provide a low jitter clock at high frequencies. The Si590/591 is available
with any-rate output frequency from 10 to 525 MHz. Unlike a traditional XO,
where a unique crystal is required for each output frequency, the Si590/591
uses one fixed crystal to provide a wide range of output frequencies. This IC
based approach allows the crystal resonator to provide exceptional
frequency stability and reliability. In addition, DSPLL clock synthesis provides
superior supply noise rejection, simplifying the task of generating low jitter
clocks in noisy environments typically found in communication systems. The
Si590/591 IC based XO is factory configurable for a wide variety of user
specifications including frequency, supply voltage, output format, and
temperature stability. Specific configurations are factory programmed at time
of shipment, thereby eliminating long lead times associated with custom
oscillators.
Functional Block Diagram
Available with any-rate output
frequencies from 10 MHz to 525 MHz
3rd generation DSPLL® with superior
jitter performance: 1 ps max jitter
Better frequency stability than SAW-
based oscillators
Internal fundamental mode crystal
ensures high reliability
Available CMOS, LVPECL,
LVDS, and CML outputs
3.3, 2.5, and 1.8 V supply options
Industry-standard 5 x 7 mm
package and pinout
Pb-free/RoHS-compliant
–40 to +85 ºC operating
temperature range
SONET/SDH (OC-3/12/48)
Networking
SD/HD SDI/3G SDI video
Test and measurement
Storage
FPGA/ASIC clock generation
Fixed
Frequency
XO
Any-rate
10–525 MHz
DSPLL
®
Clock
Synthesis
VDD
CLK+
CLK–
GND
OE
17 k *
17 k *
*Note: Output Enable High/Low Options Available – See Ordering Information
Ordering Information:
See page 6.
Pin Assignments:
See page 5.
(Top View)
Si5602
1
2
3
6
5
4
GND
OE
VDD
CLK+
CLK–
NC
1
2
3
6
5
4
GND
NC
VDD
CLK
NC
OE
1
2
3
6
5
4
GND
NC
VDD
CLK+
CLK–
OE
Si590 (LVDS/LVPECL/CML)
Si590 (CMOS)
Si591 (LVDS/LVPECL/CML)


Similar Part No. - 591EB148M352DG

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
591 ADAFRUIT-591 Datasheet
161Kb / 2P
Adafruit Perma-Proto Super Pack!
7/22/2015
logo
Dialight Corporation
591 DIALIGHT-591 Datasheet
1Mb / 16P
Surface Mount LED Selector Guide
logo
Legrand North America, ...
591 02 LEGRAND-591 02 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
591 03 LEGRAND-591 03 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
591 12 LEGRAND-591 12 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
More results

Similar Description - 591EB148M352DG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
List of Unclassifed Man...
XG-1000CA ETC2-XG-1000CA Datasheet
247Kb / 1P
CRYSTAL LOW-JITTER SAW OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
LOW JITTER CRYSTAL OSCILLATOR
05.31.11
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Abracon Corporation
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
Low Jitter Crystal Oscillator
10/25/17
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com