Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF4-20DP-2C Datasheet(PDF) 4 Page - Hirose Electric

Part # DF4-20DP-2C
Description  2mm Pitch Connector Directly Mounted on Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF4-20DP-2C Datasheet(HTML) 4 Page - Hirose Electric

  DF4-20DP-2C Datasheet HTML 1Page - Hirose Electric DF4-20DP-2C Datasheet HTML 2Page - Hirose Electric DF4-20DP-2C Datasheet HTML 3Page - Hirose Electric DF4-20DP-2C Datasheet HTML 4Page - Hirose Electric DF4-20DP-2C Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B205
DF4 Series
●2mm Pitch Connector Directly Mounted on Board
Unit:mm
CL No.
Part Number
544-0078-3
544-0079-6
544-0080-5
544-0081-8
544-0082-0
544-0083-3
544-0084-6
544-0085-9
544-0086-1
544-0087-4
544-0088-7
544-0089-0
544-0090-9
544-0091-1
544-0092-4
DF4-04DP-2C
DF4-06DP-2C
DF4-08DP-2C
DF4-10DP-2C
DF4-12DP-2C
DF4-14DP-2C
DF4-16DP-2C
DF4-18DP-2C
DF4-20DP-2C
DF4-22DP-2C
DF4-24DP-2C
DF4-26DP-2C
DF4-28DP-2C
DF4-30DP-2C
DF4-32DP-2C
Number of Contacts
04
06
08
10
12
14
16
18
20
22
24
26
28
30
32
A
B
RoHS
04.8
06.8
08.8
10.8
12.8
14.8
16.8
18.8
20.8
22.8
24.8
26.8
28.8
30.8
32.8
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
YES
Note 1.The quantity at the specific No. "None" is delivered per bag (100pcs.). If needed, please order the products per bag.
Note:The dip side may be deviated according to the cable thickness and the crimping contact bent up/down.
■Double Row Crimping Plug
Photo: Contact insertion state
● Applicable Through-hole Diameter Ø0.9±0.05
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com