Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF1E-04RS/P-2.5 Datasheet(PDF) 16 Page - Hirose Electric

Part # DF1E-04RS/P-2.5
Description  2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E-04RS/P-2.5 Datasheet(HTML) 16 Page - Hirose Electric

Back Button DF1E-04RS/P-2.5 Datasheet HTML 8Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 9Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 10Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 11Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 12Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 13Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 14Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 15Page - Hirose Electric DF1E-04RS/P-2.5 Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
B161
DF1E Series
●2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
BPrecautions
1. Recommended Soldering Condition
Flow: 260ç for 10 seconds
Manual soldering: 300ç for 3 seconds
2. Cleaning Condition
Refer to Nylon Connector Use Hand book.
However, if the connector is cleaned by the potting header, the detergent remains within the
connector, which will cause malfunction.
3. Connection Condition
Refer to Nylon Connector Use Hand book.
4. Cautions
● To remove the connector, if the connector is forcedly removed, it will cause connector
damage. If the connector is hardly removed, slightly push the connector once, and then
remove it using the lock.
● In some method for laying the cable within equipment, a tension may be applied to the
cable so as to remove the contact. In this case, it is recommended to use the retainer.
● Incomplete insertion of the contact can be prevented by mounting a retainer; however,
mounting of a retainer might not be possible when the contact protrudes beyond the
socket. Insert the contact securely and then mount the retainer.
● If the potting process is implemented, it is desirable to fill the connector with resin,
considering the resin surface tensile force.
● The color phase of this product may be slightly different from that of the forming product
according to the manufacturing lot and future storage conditions, however the difference
doesn't affect the performance.
5. Precautions
Refer to Nylon Connector Use Hand book.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com