Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPCA8024 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCA8024
Description  Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8024 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCA8024 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8024 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8024 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8024 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8024 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8024 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8024 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCA8024
2010-01-05
4
100
VGS = 10 V
4.5
1
100
10
0.1
1
10
100
Ta
= −55°C
25
100
0.1
1
10
0.1
1
10
100
1000
17
ID = 35 A
8.5
02
46
8
10
0
0.08
0.16
0.24
0.32
0.4
Ta
= −55°C
100
25
1
3
4
6
0
20
40
60
80
100
0
2
5
4
5
0
20
40
60
80
100
3.4
VGS = 2.8 V
10
3.2
4
3.6
01
23
3.8
8
5
6
4.5
3
3.4
VGS = 2.6 V
8
2.8
0
0.2
0.4
0.6
0.8
1
3
0
10
20
30
40
50
3.2
6
10
5
4.5
3.6
3.8
4
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = 10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Drain
−source voltage VDS (V)
Drain-source voltage VDS (V)
Gate
−source voltage VGS (V)
Gate
−source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com