Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF1B-4DP2.5DSA Datasheet(PDF) 13 Page - Hirose Electric

Part # DF1B-4DP2.5DSA
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-4DP2.5DSA Datasheet(HTML) 13 Page - Hirose Electric

Back Button DF1B-4DP2.5DSA Datasheet HTML 9Page - Hirose Electric DF1B-4DP2.5DSA Datasheet HTML 10Page - Hirose Electric DF1B-4DP2.5DSA Datasheet HTML 11Page - Hirose Electric DF1B-4DP2.5DSA Datasheet HTML 12Page - Hirose Electric DF1B-4DP2.5DSA Datasheet HTML 13Page - Hirose Electric DF1B-4DP2.5DSA Datasheet HTML 14Page - Hirose Electric DF1B-4DP2.5DSA Datasheet HTML 15Page - Hirose Electric DF1B-4DP2.5DSA Datasheet HTML 16Page - Hirose Electric DF1B-4DP2.5DSA Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
B195
DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
s Single Row In-line Socket (Full Lock Type)
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 1.The installation hole size C will be changed according to panel board thickness.
Note 2.Fabricate installation holes so that no burr can occur.
Note 3.At the panel tab portion, use the surface that will not be rounded.
Unit: mm
Part Number
CL No.
DF1B- 8ES-2.5RC
DF1B- 9ES-2.5RC
DF1B-10ES-2.5RC
DF1B-11ES-2.5RC
DF1B-12ES-2.5RC
DF1B-13ES-2.5RC
541-0326-4
541-0327-7
541-0328-0
541-0329-2
541-0330-1
541-0331-4
8
9
10
11
12
13
17.5
20
22.5
25
27.5
30
21.5
24
26.5
29
31.5
34
Yes
Number of Contacts
A
B
RoHS
Part Number
CL No.
DF1B- 2ES-2.5RC
DF1B- 3ES-2.5RC
DF1B- 4ES-2.5RC
DF1B- 5ES-2.5RC
DF1B- 6ES-2.5RC
DF1B- 7ES-2.5RC
541-0320-8
541-0321-0
541-0322-3
541-0323-6
541-0324-9
541-0325-1
2
3
4
5
6
7
2.5
5
7.5
10
12.5
15
6.5
9
11.5
14
16.5
19
Yes
Number of Contacts
A
B
RoHS
KApplicable Socket: DF1B-*DEP-2.5RC
Contact Inserted.
B Panel Cutouts
Unit: mm
Applicable Plug
Number of Contacts
DF1B- 2ES-2.5RC
DF1B- 3ES-2.5RC
DF1B- 4ES-2.5RC
DF1B- 5ES-2.5RC
DF1B- 6ES-2.5RC
DF1B- 7ES-2.5RC
DF1B- 8ES-2.5RC
DF1B- 9ES-2.5RC
DF1B-10ES-2.5RC
DF1B-11ES-2.5RC
DF1B-12ES-2.5RC
DF1B-13ES-2.5RC
2
3
4
5
6
7
8
9
10
11
12
13
0.5 to 1.2
Panel Board Thickness (Note 1)
E
10.8
13.3
15.8
18.3
20.8
23.3
25.8
28.3
30.8
33.3
35.8
38.3
1.3 to 1.6
11.3
13.8
16.3
18.8
21.3
23.8
26.3
28.8
31.3
33.8
36.3
38.8
1.7 to 2.0
12
14.5
17
19.5
22
24.5
27
29.5
32
34.5
37
39.5
C
4.7
7.2
9.7
12.2
14.7
17.2
19.7
22.2
24.7
27.2
29.7
32.2
D
6.7
9.2
11.7
14.2
16.7
19.2
21.7
24.2
26.7
29.2
31.7
34.2
Note 3
Panel
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com