Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSV629xA Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSV629xA
Description  Micropower, wide bandwidth CMOS operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV629xA Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSV629xA Datasheet HTML 11Page - STMicroelectronics TSV629xA Datasheet HTML 12Page - STMicroelectronics TSV629xA Datasheet HTML 13Page - STMicroelectronics TSV629xA Datasheet HTML 14Page - STMicroelectronics TSV629xA Datasheet HTML 15Page - STMicroelectronics TSV629xA Datasheet HTML 16Page - STMicroelectronics TSV629xA Datasheet HTML 17Page - STMicroelectronics TSV629xA Datasheet HTML 18Page - STMicroelectronics TSV629xA Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TSV629x, TSV629xA
Application information
Doc ID 16882 Rev 2
15/25
4.6
Driving resistive and capacitive loads
These products are micropower, low-voltage operational amplifiers optimized to drive rather
large resistive loads, above 5 k
Ω. For lower resistive loads, the THD level may significantly
increase.
The amplifiers have a relatively low internal compensation capacitor, making them very fast
while consuming very little. They are ideal when used in a non-inverting configuration or in
an inverting configuration in the following conditions:
●
IGainI
≥ 3 in an inverting configuration (C
L = 20 pF, RL = 100 kΩ) or IgainI
≥ 10
(CL = 100 pF, RL = 100 kΩ)
●
Gain
≥ +4 in a non-inverting configuration (C
L = 20 pF, RL = 100kΩ) or gain
≥ +11
(CL = 100 pF, RL= 100 kΩ)
As these operational amplifiers are not unity gain stable, the TSV62x (29 µA, 420 kHz) or
TSV63x (60 µA, 880 kHz) – which are unity gain stable – might be a solution for your
application.
4.7
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
4.8
Macromodel
Two accurate macromodels (with or without shutdown feature) of the TSV629x are available
on STMicroelectronics’ web site at www.st.com. This model is a trade-off between accuracy
and complexity (that is, time simulation) of the TSV629x operational amplifiers. It emulates
the nominal performances of a typical device within the specified operating conditions
mentioned in the datasheet. It also helps to validate a design approach and to select the
right operational amplifier, but it does not replace on-board measurements.
Table 9.
Related products
Part #
Icc (µA) at 5V
GBP (MHz)
SR (V/µs)
Minimum gain for
stability
(CLoad = 100 pF)
TSV622-3-4-5
29
0.42
0.14
1
TSV6292-3-4-5
29
1.3
0.5
+11
TSV632-3-4-5
60
0.88
0.34
1
TSV6392-3-4-5
60
2.4
1.1
+11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com