Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXMN6A09DN8TC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXMN6A09DN8TC
Description  DUAL 60V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN6A09DN8TC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXMN6A09DN8TC Datasheet HTML 1Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 2Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 3Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 4Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 5Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 6Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 7Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PROVISIONAL ISSUE D - AUGUST 2001
ZXMN6A09DN8
4
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V
(BR)DSS
60
V
I
D=250µA, VGS=0V
Zero Gate Voltage Drain Current
I
DSS
1
µA
V
DS=60V, VGS=0V
Gate-Body Leakage
I
GSS
100
nA
V
GS=±20V, VDS=0V
Gate-Source Threshold Voltage
V
GS(th)
1.0
V
I
D
=250
µA, V
DS=VGS
Static Drain-Source On-State Resistance
(1)
R
DS(on)
0.045
0.075
Ω
Ω
V
GS=10V, ID=8.2A
V
GS=4.5V, ID=7.4A
Forward Transconductance (3)
g
fs
15
S
V
DS=15V,ID=8.2A
DYNAMIC (3)
Input Capacitance
C
iss
1407
pF
V
DS=40V,VGS=0V,
f=1MHz
Output Capacitance
C
oss
121
pF
Reverse Transfer Capacitance
C
rss
59
pF
SWITCHING(2) (3)
Turn-On Delay Time
t
d(on)
4.9
ns
V
DD =15V, ID=3.5A
R
G=6.0Ω,VGS=10V
(refer to test
circuit)
Rise Time
t
r
5.0
ns
Turn-Off Delay Time
t
d(off)
25.3
ns
Fall Time
t
f
4.6
ns
Gate Charge
Q
g
12.4
nC
V
DS=15V,VGS=5V,
ID=3.5A
Total Gate Charge
Q
g
24.2
nC
V
DS=15V,VGS=10V,
ID=3.5A
Gate-Source Charge
Q
gs
5.2
nC
Gate-Drain Charge
Q
gd
3.5
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
V
SD
0.85
0.95
V
T
J=25°C, IS=6.6A,
V
GS=0V
Reverse Recovery Time (3)
t
rr
26.3
ns
T
J=25°C, IF=3.5A,
di/dt= 100A/
µs
Reverse Recovery Charge (3)
Q
rr
26.6
nC
NOTES
(1) Measured under pulsed conditions. Width
=300µs. Duty cycle ≤ 2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com