Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC18IS601IPW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC18IS601IPW
Description  SPI to I2C-bus interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IS601IPW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC18IS601IPW Datasheet HTML 3Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 4Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 5Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 6Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 7Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 8Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 9Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 10Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SC18IS600_601_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 28 July 2008
7 of 30
NXP Semiconductors
SC18IS600/601
SPI to I2C-bus interface
6.2.1.1
Quasi-bidirectional output configuration
Quasi-bidirectional outputs can be used both as an input and output without the need to
reconfigure the pin. This is possible because when the pin outputs a logic HIGH, it is
weakly driven, allowing an external device to pull the pin LOW. When the pin is driven
LOW, it is driven strongly and able to sink a large current. There are three pull-up
transistors in the quasi-bidirectional output that serve different purposes.
One of these pull-ups, called the ‘very weak’ pull-up, is turned on whenever the pin latch
for the pin contains a logic 1. This very weak pull-up sources a very small current that will
pull the pin HIGH if it is left floating.
A second pull-up, called the ‘weak’ pull-up, is turned on when the pin latch for the pin
contains a logic 1 and the pin itself is also at a logic 1 level. This pull-up provides the
primary source current for a quasi-bidirectional pin that is outputting a 1. If this pin is
pulled LOW by an external device, the weak pull-up turns off, and only the very weak
pull-up remains on. In order to pull the pin LOW under these conditions, the external
device has to sink enough current to overpower the weak pull-up and pull the pin below its
input threshold voltage.
The third pull-up is referred to as the ‘strong’ pull-up. This pull-up is used to speed up
LOW-to-HIGH transitions on a quasi-bidirectional pin when the pin latch changes from a
logic 0 to a logic 1. When this occurs, the strong pull-up turns on for two system clock
cycles quickly pulling the pin HIGH.
The quasi-bidirectional pin configuration is shown in Figure 6.
Although the SC18IS600/601 is a 3 V device, most of the pins are 5 V tolerant. If 5 V is
applied to a pin configured in quasi-bidirectional mode, there will be a current flowing from
the pin to VDD causing extra power consumption. Therefore, applying 5 V to pins
configured in quasi-bidirectional mode is discouraged.
A quasi-bidirectional pin has a Schmitt-triggered input that also has a glitch suppression
circuit.
Fig 6.
Quasi-bidirectional output configuration
002aab882
2 SYSTEM
CLOCK
CYCLES
weak
strong
very
weak
VDD
PP
P
VSS
pin latch data
GPIOn,
IOn pin
glitch rejection
input data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30