Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA8933 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA8933
Description  Class-D audio amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8933 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA8933 Datasheet HTML 35Page - NXP Semiconductors TDA8933 Datasheet HTML 36Page - NXP Semiconductors TDA8933 Datasheet HTML 37Page - NXP Semiconductors TDA8933 Datasheet HTML 38Page - NXP Semiconductors TDA8933 Datasheet HTML 39Page - NXP Semiconductors TDA8933 Datasheet HTML 40Page - NXP Semiconductors TDA8933 Datasheet HTML 41Page - NXP Semiconductors TDA8933 Datasheet HTML 42Page - NXP Semiconductors TDA8933 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
TDA8933_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 May 2007
39 of 47
NXP Semiconductors
TDA8933
Class-D audio amplifier
fi = 1 kHz
(1) RL = 16 Ω BTL; THD = 10 %
(2) RL = 16 Ω BTL; THD = 0.5 %
(3) RL = 8 Ω BTL; THD = 10 %
(4) RL = 8 Ω BTL; THD = 0.5 %
fi = 1 kHz; power dissipation in junction only; short
time PO at THD+N = 10 %
(1) RL = 8 Ω BTL
(2) RL = 16 Ω BTL
Fig 34. Output power as a function of supply voltage
Fig 35. Power dissipation as a function of supply
voltage
VP (P)
10
35
30
20
25
15
010aaa208
20
10
30
40
Po
(W)
0
(1)
(2)
(3)
(4)
VP (V)
10
42
34
18
26
010aaa210
2.0
3.0
1.0
4.0
5.0
P
(W)
0.0
(1)
(2)
(1) VP = 25 V
(2) VP = 31 V
2 layer application board (55 mm
× 45 mm), 35 µ
copper, FR4 base material in free air with natural
convection.
(1) VP = 17 V
a. RL = 16 Ω BTL; fi = 1 kHz
b. RL = 8 Ω BTL; fi = 1 kHz
Fig 36. Output power as a function of time
time (s)
0
600
480
240
360
120
010aaa209
16
8
24
32
Po
(W)
0
(1)
(2)
time (s)
0
600
450
150
300
010aaa230
8
12
4
16
20
Po
(W)
0
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com