Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HPL00502031MP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HPL00502031MP
Description  High Life Cycle, High Temperature Capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPL00502031MP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HPL00502031MP Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL00502031MP Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL00502031MP Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL00502031MP Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL00502031MP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
spectrasymbol.com
(888) 795-2283
Page 5
Diagram - Stock Rotary HotPot
Ø45.57 [Ø1.794]
(CENTER OF TRACK)
Ø65.74 [Ø2.588]
OUTSIDE PERIMETER
PIN 1
10.16 [0.400]
111.88 [4.405]
5.08 [0.200]
Ø25.40 [Ø1.000]
THRU HOLE
5.08 [0.200]
10.01 [0.394]
ACTIVE WIDTH
353°
ACTIVE
ANGLE
How to Order - Rotary HotPot
Electrical Schematic
Material Cross-Section
10K
(RIGHT BUS BAR)
PIN 3 (GND)
PIN 2
PIN 1 (V+)
(LEFT BUS BAR)
(COLLECTOR)
0353
Active Angle
R
Model
R = Rotary
HP
Series
HP = HotPot
0046 = 45.57mm
0353 = 353°
0046
103
Resistance
103 = 10 KOhm
ST
Center of
Active Track
Connectors
ST = Solder Tab
MP = Male Pins
RH = Receptacles w/Plain Housing
RL = Receptacles w/Latch Housing
RD = Receptacles w/Detent Housing
0.05 [0.002] 3M 200MP ADHESIVE
0.46 [0.018] TOTAL THICKNESS
0.41 [0.016] CIRCUIT
ST
5%
Ind. Linearity
3% = ±3%
5% = ±5%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com