Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPR121 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPR121
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPR121_10 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPR121_10 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
MPR121
Sensors
28
Freescale Semiconductor
FILTER DELAY LIMIT (FDL)
Figure 27. Filter Delay Limit Register
Additionally there are different conditions in the system that affects how these registers operate. These are rising data, falling
data or touched data. When the data changes between these conditions, the current filter process is cancelled and all filter
counters return to zero.
The operation of the filter is in the relationship between the 2nd filter data and the baseline filter value. The occurrence of a
touch will also change the operation of the system. The touch generation process is described in the application note AN3892.
The falling data system is enabled any time the 2nd filter data is less than the baseline filter data. The rising data system is enabled
any time the 2nd filter data is greater than the baseline filter data. The following cases describe the baseline system when it is not
changing between the three states mentioned above.
Case 1
Small incremental changes to the system represent long term slow (environmental) changes in the system. The MHD setting
regulates this case by allowing any data that is less than two times the MHD to pass the filter. Thus, if the baseline is 700 and
the data is 701 with a MHD of one, then the baseline filter would increase to equal the data for the next cycle.
Figure 28. Max Half Delta
7
6
543210
R
FDL
W
Reset:
0
0
000000
= Unimplemented
Table 25. Filter Delay Limit Register Field Descriptions
Field
Description
7:0
FDL
Filter Delay Limit – The Filter Delay Limit determines the rate of operation of the
filter. A larger number makes it operate slower.
00000000 Encoding 0 – Sets the Filter Delay Limit to 1
00000001 Encoding 1 – Sets the Filter Delay Limit to 2
~
11111111 Encoding 255 – Sets the Filter Delay Limit to 255
MHD = 1
Baseline
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com