| Electronic Components Datasheet Search |
|
MPR121 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPR121 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 57 page ![]() MPR121 Sensors 4 Freescale Semiconductor Touch Sensing Once the capacitance is determined at any given moment, this information must then be translated into intelligent touch recognition. The MPR121 has a couple of systems that have improved over the previous generation in the MPR03x series devices. A baseline tracking system allows the system to track the untouched capacitance in the system. For information on how to set up the baseline capacitance system refer to application note AN3891. The baseline value is then compared with the current value to determine if a touch has occurred. A designer has the ability to set both the rising and falling thresholds in addition to a debounce to eliminate jitter and false touches due to noise. These elements are described in application note AN3892. Proximity Sensing A new feature of the MPR121 is the use of a proximity sensing system whereby all of a system’s electrodes can be shorted together internally and create a single large electrode. The capacitance of this electrode is larger and projected capacitance can be measured. When enabled, this “13th” electrode will be included at the end of a normal detection cycle and will have its own independent set of configuration registers. This system is described in application note AN3893. LED Driver The MPR121 includes eight shared LED driving pins. When these pins are not configured as electrodes, they may be used to drive LEDs. The system allows for both pull up and pull down LED configurations as well as general GPIO push/pull functionality. The configuration of the LED driver system is described in application note AN3894. Serial Communication The MPR121 is an Inter-Integrated Circuit (I2C) compliant device with an additional interrupt that is triggered any time a touch or release of a button is detected. The device has a configurable I2C address by connecting the ADDR pin to the VSS, VDD, SDA or SCL lines. The resulting I2C addresses are 0x5A, 0x5B, 0x5C and 0x5D respectively. The specific details of this system are described in AN3895. For reference the register map of the MPR121 is included in Table 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |