Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPR121QR2 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MPR121QR2
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121QR2 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MPR121QR2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
31
Case 6
The system needs the capability to handle environment changes that appear very similar to actual touches. In Case 5, the
touch was a real touch, but slow enough that initially it is thought better for the baseline not to change at all.
A. The decrease is the interface being cleared with a wet rag, causing a relatively slow capacitance
change. The baseline accurately tracks this slow change.
B. The baseline begins to increase as the interface becomes dry.
C. A delta from the new baseline allows a touch to be accurately detected.
Figure 34.
Case 7
This case is when a touch is occurring. While the baseline system does not detect a touch, it is obviously an important part of
the process. The baseline can be set to slowly calibrate a touch from the system preventing keys from becoming stuck. Only the
NHD, NCL and FDL are necessary since the value can never be less than double the MHD.
A. The touch is detected which disengages the increasing/decreasing baseline filter but leaves it
enabled with very slow filtering
B. Even though the touch has not been released it times out and is eventually rejected.
C. Normal baseline filter is engaged.
Figure 35.
Baseline
Data
A
C
B
Baseline
Data
A
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com