Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT48R02B Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT48R02B
Description  Small Package 8-Bit OTP MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R02B Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT48R02B Datasheet HTML 42Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 43Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 44Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 45Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 46Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 47Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 48Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 49Page - Holtek Semiconductor Inc HT48R02B Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
HT46R01B/02B/01N/02N
HT48R01B/02B/01N/02N
Rev.1.10
46
February 12, 2010
fSYS
A/D Clock Period (tAD)
ADCS2,
ADCS1,
ADCS0=000
(fSYS/2)
ADCS2,
ADCS1,
ADCS0=001
(fSYS/8)
ADCS2,
ADCS1,
ADCS0=010
(fSYS/32)
ADCS2,
ADCS1,
ADCS0=100
(fSYS)
ADCS2,
ADCS1,
ADCS0=101
(fSYS/4)
ADCS2,
ADCS1,
ADCS0=110
(fSYS/16)
ADCS2,
ADCS1,
ADCS0=011,
111
1MHz
2
ms8ms32ms1ms4ms16ms
Undefined
2MHz
1
ms4ms16ms
500ns
2
ms8ms
Undefined
4MHz
500ns
2
ms8ms
250ns*
1
ms4ms
Undefined
8MHz
250ns*
1
ms4ms
125ns*
500ns
2
ms
Undefined
12MHz
167ns*
667ns
2.67
ms
83ns*
333ns*
1
ms
Undefined
A/D Clock Period Examples
A/D Input Pins
All of the A/D analog input pins are pin-shared with the
I/O pins on Port A. Bits PCR3~PCR0 in the register, de-
termine whether the input pins are setup as normal Port
A input/output pins or whether they are setup as analog
inputs. In this way, pins can be changed under program
control to change their function from normal I/O opera-
tion to analog inputs and vice versa. Pull-high resistors,
which are setup through register programming, apply to
the input pins only when they are used as normal I/O
pins, if setup as A/D inputs the pull-high resistors will be
automatically disconnected. Note that it is not neces-
sary to first setup the A/D pin as an input in the PAC port
control register to enable the A/D input as when the
PCR3~PCR0 bits enable an A/D input, the status of the
port control register will be overridden.
Summary of A/D Conversion Steps
The following summarises the individual steps that
should be executed in order to implement an A/D con-
version process.
· Step 1
Select the required A/D conversion clock by correctly
programming bits ADCS2, ADCS1 and ADCS0 in the
register.
· Step 2
Enable the A/D by clearing the ADONB bit in the
ACSR register to zero.
· Step 3
Select which channel is to be connected to the internal
A/D converter by correctly programming the
ACS1~ACS0 bits which are also contained in the reg-
ister.
· Step 4
Select which pins are to be used as A/D inputs and
configure them as A/D input pins by correctly pro-
gramming the PCR3~PCR0 bits in the ADCR register.
Note that this step can be combined with Step 3. into a
single ADCR register programming operation.
· Step 5
If the interrupts are to be used, the interrupt control reg-
isters must be correctly configured to ensure the A/D
converter interrupt function is active. The master inter-
rupt control bit, EMI, in the INTC0 interrupt control reg-
ister must be set to
²1², and the A/D converter interrupt
bit, ADE, in the INTC1 register must also be set to
²1².
· Step 6
The analog to digital conversion process can now be
initialised by setting the START bit in the ADCR regis-
ter from
²0² to ²1² and then to ²0² again. Note that this
bit should have been originally set to
²0².
· Step 7
To check when the analog to digital conversion pro-
cess is complete, the EOCB bit in the ADCR register
can be polled. The conversion process is complete
when this bit goes low. When this occurs the A/D data
registers ADRL and ADRH can be read to obtain the
conversion value. As an alternative method if the in-
terrupts are enabled and the stack is not full, the pro-
gram can wait for an A/D interrupt to occur.
Note:
When checking for the end of the conversion
process, if the method of polling the EOCB bit in
the ADCR register is used, the interrupt enable
step above can be omitted.
The accompanying diagram shows graphically the vari-
ous stages involved in an analog to digital conversion
process and its associated timing.
The setting up and operation of the A/D converter func-
tion is fully under the control of the application program as
there are no configuration options associated with the
A/D converter. After an A/D conversion process has been
initiated by the application program, the microcontroller
internal hardware will begin to carry out the conversion,
during which time the program can continue with other
functions. The time taken for the A/D conversion is 16tAD
where tAD is equal to the A/D clock period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com