Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT86B20 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT86B20
Description  Enhanced Voice 8-Bit MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B20 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT86B20 Datasheet HTML 53Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 54Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 55Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 56Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 57Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 58Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 59Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 60Page - Holtek Semiconductor Inc HT86B20 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 83 page
background image
HT86BXX/HT86BRXX
Rev. 1.80
57
March 12, 2010
Analog Switch
There are 8 analog switch lines in the microcontroller, labeled as K0 ~ K7, and the Analog Switch control register, which
is mapped to the data memory by option. All of these Analog Switch lines can be used together with the external RC
Oscillation Converter for C/R-F input keys.
A S C R R e g i s t e r
A n a l o g S w i t c h S e l e c t
b 7
b 0
K 0 o n , o t h e r s o f f
K 1 o n , o t h e r s o f f
K 2 o n , o t h e r s o f f
K 3 o n , o t h e r s o f f
K 4 o n , o t h e r s o f f
K 5 o n , o t h e r s o f f
K 6 o n , o t h e r s o f f
K 7 o n , o t h e r s o f f
A l l o f f , O S C o f f
U n d e f i n e d , r e a d a s z e r o
A S O N 3
A S O N 3
0
0
0
0
0
0
0
0
1
A S O N 2 A S O N 1 A S O N 0
A S O N 2
0
0
0
0
1
1
1
1
X
A S O N 1
0
0
1
1
0
0
1
1
X
A S O N 0
0
1
0
1
0
1
0
1
X
Analog Switch Control Register
- ASCR
T . G . 2
T . G . 3
T . G . 4
T . G . 5
T . G . 6
T . G . 7
K 0
K 1
K 2
K 3
K 4
K 5
K 6
K 7
R C O U T
R R
R C
C C
T . G . 1
A S O N
T i m e r 4
T . G . 8
Analog Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com