Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT95R45 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT95R45
Description  Phone 8-Bit MCU with DTMF Receiver & CPT
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R45 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT95R45 Datasheet HTML 15Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 16Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95R45 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
HT95R45
Rev. 1.00
19
March 12, 2010
grammer should check bit4~bit6 of MFIC1 to determine
the cause of the interrupt.
PFD Registers
- PFDC/PFDD
The device contains a Programmable Frequency Di-
vider function which can generate accurate frequencies
based on the system clock. The clock source, enable
function and output frequency is controlled using these
two registers.
RTCC Register
The device contains a Real Time Clock function other-
wise known as the RTC. To control this function a regis-
ter known as the RTCC register is provided which
provides the overall on/off control and time out flag.
DAC Register
- VOICEC/VOL/DAL/DAH
These four registers are for 12-bit DAC output data and
volume control.
Input/Output Ports
Holtek microcontrollers offer considerable flexibility on
their I/O ports. With the input or output designation of ev-
ery pin fully under user program control, pull-high op-
tions for all ports and wake-up options on certain pins,
the user is provided with an I/O structure to meet the
needs of a wide range of application possibilities. The
device provides 26 bidirectional input/output lines la-
beled with port names PA, PC, PD, PE, PF and PG.
These I/O ports are mapped to the Data Memory with
specific addresses as shown in the Special Purpose
Data Memory table. All of these I/O ports can be used
for input and output operations. For input operation,
these ports are non-latching, which means the inputs
must be ready at the T2 rising edge of instruction
²MOV
A,[m]
², where m denotes the port address. For output
operation, all the data is latched and remains un-
changed until the output latch is rewritten.
Unlike other port lines, PC2 and PC3 are supplied as
NMOS output-only lines. They have neither pull high op-
tion nor port control bit.
Pull-high Resistors
Many product applications require pull-high resistors for
their switch inputs usually requiring the use of an exter-
nal resistor. To eliminate the need for these external re-
sistors, all I/O pins, when configured as an input have
the capability of being connected to an internal pull-high
resistor. These pull-high resistors are selectable via
configuration options and are implemented using a
weak PMOS transistor.
Port A Wake-up
Each device has a HALT instruction enabling the
microcontroller to enter a Power Down Mode and pre-
serve power, a feature that is important for battery and
other low-power applications. Various methods exist to
wake-up the microcontroller, one of which is to change
the logic condition on one of the Port A pins from high to
low. After a
²HALT² instruction forces the
microcontroller into entering the Power Down mode, the
device will remain idle or in a low-power state until the
logic condition of the selected wake-up pin on Port A
changes from high to low. This function is especially
suitable for applications that can be woken up via exter-
nal switches. Note that each pin on Port A can be se-
lected individually to have this wake-up feature.
I/O Port Control Registers
Each I/O port has its own control register PAC, PCC,
PDC, PEC, PFC and PGC, to control the input/output
configuration. with this control register, each CMOS out-
put or input with or without pull-high resistor structures
can be reconfigured dynamically under software control.
Each pin of the I/O ports is directly mapped to a bit in its
associated port control register. For the I/O pin to func-
tion as an input, the corresponding bit of the control reg-
ister must be written as a
²1². This will then allow the
logic state of the input pin to be directly read by instruc-
tions. When the corresponding bit of the control register
is written as a
²0², the I/O pin will be setup as a CMOS
output. If the pin is currently setup as an output, instruc-
tions can still be used to read the output register. How-
ever, it should be noted that the program will in fact only
read the status of the output data latch and not the ac-
tual logic status of the output pin.
I/O Pin Structures
The following diagrams illustrate the I/O pin internal
structures. As the exact logical construction of the I/O
pin may differ from these drawings, they are supplied as
a guide only to assist with the functional understanding
of the I/O pins.
Programming Considerations
Within the user program, one of the first things to con-
sider is port initialization. After a reset, all of the I/O data
and port control registers will be set high. This means
that all I/O pins will default to an input state, the level of
which depends on the other connected circuitry and
whether pull-high options have been selected. If the port
control registers, PAC, PCC, PDC, PEC, PFC and PGC,
are then programmed to setup some pins as outputs,
these output pins will have an initial high output value
unless the associated port data registers, PA, PC, PD,
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
W r i t e t o P o r t
R e a d f r o m P o r t
S y s t e m C l o c k
P o r t D a t a
Read/Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com