Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8308VMAFDA Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC8308VMAFDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMAFDA Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMAFDA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8308VMAFDA Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
36
Freescale Semiconductor
PCI Express
D+/D- TX output rise/fall
time
TTX-RISE,
TTX-FALL
—
0.125
—
—
UI
2, 5
RMS AC peak common
mode output voltage
VTX-CM-ACp
VPEACPCMTX =
RMS(|VTXD+ + VTXD-|/2 -
VTX-CM-DC)
VTX-CM-DC = DC(avg) of
|VTX-D+ + VTX-D-|/2
——
20
mV
2
Absolute delta of DC
common mode voltage
during L0 and electrical
idle
VTX-CM-DC-
ACTIVE-
IDLE-DELTA
|VTX-CM-DC (during L0) -
VTX-CM-Idle-DC (During
Electrical Idle)|<=100 mV
VTX-CM-DC = DC(avg) of
|VTX-D+ + VTX-D-|/2 [L0]
VTX-CM-Idle-DC = DC(avg) of
|VTX-D+ + VTX-D-|/2
[Electrical Idle]
0—
100
mV
2
Absolute delta of DC
common mode between
D+ and D–
VTX-CM-DC-LINE-
DELTA
|VTX-CM-DC-D+ -
VTX-CM-DC-D-| <= 25 mV
VTX-CM-DC-D+ = DC(avg) of
|VTX-D+|
VTX-CM-DC-D- = DC(avg) of
|VTX-D-|
0—
25
mV
2
Electrical idle differential
peak output voltage
VTX-IDLE-DIFFp VPEEIDPTX = |VTX-IDLE-D+
-VTX-IDLE-D-| <= 20 mV
0—
20
mV
2
Amount of voltage change
allowed during receiver
detection
VTX-RCV-DETECT The total amount of
voltage change that a
transmitter can apply to
sense whether a low
impedance Receiver is
present.
—600
—
mV
6
TX DC common mode
voltage
VTX-DC-CM
The allowed DC Common
Mode voltage under any
conditions.
—3.6
—
V
6
TX short circuit current
limit
ITX-SHORT
The total current the
Transmitter can provide
when shorted to its ground
——
90
mA
—
Minimum time spent in
electrical idle
TTX-IDLE-MIN
Minimum time a
Transmitter must be in
Electrical Idle Utilized by
the Receiver to start
looking for an Electrical
Idle Exit after successfully
receiving an Electrical Idle
ordered set
50
——UI—
Table 34. Differential Transmitter (TX) Output Specifications (continued)
Parameter
Symbol
Comments
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com