Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC128T-E/CS15K Datasheet(PDF) 12 Page - Microchip Technology

Part # 24LC128T-E/CS15K
Description  128K I2C??CMOS Serial EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC128T-E/CS15K Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24LC128T-E/CS15K Datasheet HTML 8Page - Microchip Technology 24LC128T-E/CS15K Datasheet HTML 9Page - Microchip Technology 24LC128T-E/CS15K Datasheet HTML 10Page - Microchip Technology 24LC128T-E/CS15K Datasheet HTML 11Page - Microchip Technology 24LC128T-E/CS15K Datasheet HTML 12Page - Microchip Technology 24LC128T-E/CS15K Datasheet HTML 13Page - Microchip Technology 24LC128T-E/CS15K Datasheet HTML 14Page - Microchip Technology 24LC128T-E/CS15K Datasheet HTML 15Page - Microchip Technology 24LC128T-E/CS15K Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
24AA128/24LC128/24FC128
DS21191S-page 12
 2010 Microchip Technology Inc.
Package Marking Information (Continued)
8-Lead MSOP
Example:
XXXXXT
YWWNNN
4L128I
051017
8-Lead DFN-S
Example
:
XXXXXXX
T/XXXXX
YYWW
24LC128
I/MF
0510
017
NNN
First Line Marking Codes
Part Number
TSSOP
MSOP
TDFN
I-Temp
E-Temp
24AA128
4AC
4A128T
A81
—
24LC128
4LC
4L128T
A84
A85
24FC128
4FC
4F128T
A8A
—
*Standard device marking consists of Microchip part number, year code, week code, and traceability code. For
device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Example:
A84
510
I7
8-Lead 2x3 TDFN
XXX
YWW
NN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com