Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC1025-I/P Datasheet(PDF) 18 Page - Microchip Technology

Part # 24LC1025-I/P
Description  1024K I2C??CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC1025-I/P Datasheet(HTML) 18 Page - Microchip Technology

Back Button 24LC1025-I/P Datasheet HTML 14Page - Microchip Technology 24LC1025-I/P Datasheet HTML 15Page - Microchip Technology 24LC1025-I/P Datasheet HTML 16Page - Microchip Technology 24LC1025-I/P Datasheet HTML 17Page - Microchip Technology 24LC1025-I/P Datasheet HTML 18Page - Microchip Technology 24LC1025-I/P Datasheet HTML 19Page - Microchip Technology 24LC1025-I/P Datasheet HTML 20Page - Microchip Technology 24LC1025-I/P Datasheet HTML 21Page - Microchip Technology 24LC1025-I/P Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
24AA1025/24LC1025/24FC1025
DS21941G-page 18
 2010 Microchip Technology Inc.
/HDG3ODVWLF 6PDOO 2XWOLQH 60 ± 0HGLXP  PP %RG\ >62,-@
1RWHV
 62,- -(,7$(,$- 6WDQGDUG IRUPHUO\ FDOOHG 62,&
 † 6LJQLILFDQW &KDUDFWHULVWLF
 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG  PP SHU VLGH
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
8QLWV
0,//,0(7(56
'LPHQVLRQ /LPLWV
0,1
120
0$;
1XPEHU RI 3LQV
1

3LWFK
H
 %6&
2YHUDOO +HLJKW
$

±

0ROGHG 3DFNDJH 7KLFNQHVV
$

±

6WDQGRII †
$

±

2YHUDOO :LGWK
(

±

0ROGHG 3DFNDJH :LGWK
(

±

2YHUDOO /HQJWK
'

±

)RRW /HQJWK
/

±

)RRW $QJOH
I
ƒ
±
ƒ
/HDG 7KLFNQHVV
F

±

/HDG :LGWK
E

±

0ROG 'UDIW $QJOH 7RS
D
±
±
ƒ
0ROG 'UDIW $QJOH %RWWRP
E
±
±
ƒ
φ
β
α
L
c
A2
A1
A
b
12
e
E
E1
N
D
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com