Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

11LC010T-ESN Datasheet(PDF) 4 Page - Microchip Technology

Part # 11LC010T-ESN
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11LC010T-ESN Datasheet(HTML) 4 Page - Microchip Technology

  11LC010T-ESN Datasheet HTML 1Page - Microchip Technology 11LC010T-ESN Datasheet HTML 2Page - Microchip Technology 11LC010T-ESN Datasheet HTML 3Page - Microchip Technology 11LC010T-ESN Datasheet HTML 4Page - Microchip Technology 11LC010T-ESN Datasheet HTML 5Page - Microchip Technology 11LC010T-ESN Datasheet HTML 6Page - Microchip Technology 11LC010T-ESN Datasheet HTML 7Page - Microchip Technology 11LC010T-ESN Datasheet HTML 8Page - Microchip Technology 11LC010T-ESN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
11AAXXX/11LCXXX
DS22067H-page 4
Preliminary
 2010 Microchip Technology Inc.
TABLE 1-3:
AC TEST CONDITIONS
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = 2.5V to 5.5V
TA = -40°C to +85°C
VCC = 1.8V to 2.5V
TA = -20°C to +85°C
Automotive (E):
VCC = 2.5V to 5.5V
TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
1FBUS Serial bus frequency
10
100
kHz
—
2TE
Bit period
10
100
µs
—
3TIJIT
Input edge jitter tolerance
—
±0.08
UI
(Note 3)
4FDRIFT Serial bus frequency drift
rate tolerance
—
±0.75
% per byte —
5FDEV Serial bus frequency drift
limit
—±5
% per
command
—
6TOJIT Output edge jitter
—
±0.25
UI
(Note 3)
7TR
SCIO input rise time
(Note 1)
—
100
ns
—
8TF
SCIO input fall time
(Note 1)
—
100
ns
—
9TSTBY Standby pulse time
600
—
µs
—
10
TSS
Start header setup time
10
—
µs
—
11
THDR Start header low pulse
time
5—
µs
—
12
TSP
Input filter spike
suppression (SCIO)
—50
ns
(Note 1)
13
TWC
Write cycle time
(byte or page)
—
—
5
10
ms
ms
Write, WRSR commands
ERAL, SETAL commands
14
—
Endurance (per page)
1M
—
cycles
25°C, VCC = 5.5V (Note 2)
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained on Microchip’s web site:
www.microchip.com.
3:
A Unit Interval (UI) is equal to 1-bit period (TE) at the current bus frequency.
AC Waveform:
VLO = 0.2V
VHI = VCC - 0.2V
CL = 100 pF
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com