Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR1020-I/ML Datasheet(PDF) 20 Page - Microchip Technology

Part # AR1020-I/ML
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1020-I/ML Datasheet(HTML) 20 Page - Microchip Technology

Back Button AR1020-I/ML Datasheet HTML 16Page - Microchip Technology AR1020-I/ML Datasheet HTML 17Page - Microchip Technology AR1020-I/ML Datasheet HTML 18Page - Microchip Technology AR1020-I/ML Datasheet HTML 19Page - Microchip Technology AR1020-I/ML Datasheet HTML 20Page - Microchip Technology AR1020-I/ML Datasheet HTML 21Page - Microchip Technology AR1020-I/ML Datasheet HTML 22Page - Microchip Technology AR1020-I/ML Datasheet HTML 23Page - Microchip Technology AR1020-I/ML Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
DS41393A-Page 16
© 2009 Microchip Technology, Inc.
7.12.11 TouchOptions Register (offset 0x0D)
The TouchOptions register contains various “touch” related option bits.
R = Readable bit, W = Writable bit, U = Unimplemented bit read as ‘0’
U–0
U–0
U–0
U–0
U–0
U–0
R/W
R/W
–
–
–
–
–
–
48W
CCE
Bit 7
Bit 0
bit 7-2 Unimplemented: Read as ‘0’
bit 1
48W:
4-wire or 8-wire Sensor Selection bit
1 = Selects 8-wire sensor operating mode
0 = Selects 4-wire sensor operating mode
bit 0
CCE:
Calibrated Coordinates Enable bit
1 = Enables calibrated coordinates, if the controller has been calibrated
0 = Disables calibrated coordinates
A 4-wire touch sensor will not work if the 48W configuration bit is incorrectly defined as one, which
selects 8-wire.
An 8-wire touch sensor will provide basic operation if the 48W configuration bit is incorrectly defined
as zero, which selects 4-wire. However, the benefit of the 8-wire sensor will only be realized, if the
48W
configuration bit is correctly defined as one, selecting 8-wire.
7.12.12 CalibrationInset Register (offset 0x0E)
The CalibrationInset register defines the expected position of the calibration points, inset from the perimeter of the
touch sensor’s active area, by a percentage of the full scale dimension.
This allows for the calibration targets to be placed inset from edge to make it easier for a user to touch them.
The CalibrationInset register value is only used when the Calibration Mode command is issued to the controller.
In Calibration Mode, the controller will extrapolate the calibration point touch report values by the defined
CalibrationInset percentage to achieve full scale.
A software application that issues the Calibration Mode command must present the displayed calibration targets
at the same inset percentage as defined in this CalibrationInset register.
Valid values are as follows.
0 ≤ CalibrationInset ≤ 40
Calibration Inset = ( CalibrationInset / 2 ) % , Range of 0–20% with 0.5% resolution
For example, CalibrationInset = 25 (0x19) yields a calibration inset of (25 / 2) or 12.5%. During the calibration
procedure, the controller will internally extrapolate the calibration point touch values in Calibration Mode by 12.5%
to achieve full scale.
12.5% of
Full Scale
12.5% of
Full Scale
Location of calibration
targets presented
during calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com