Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC64-E/OT Datasheet(PDF) 37 Page - Microchip Technology

Part # 24LC64-E/OT
Description  64K I2C??Serial EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64-E/OT Datasheet(HTML) 37 Page - Microchip Technology

Back Button 24LC64-E/OT Datasheet HTML 32Page - Microchip Technology 24LC64-E/OT Datasheet HTML 33Page - Microchip Technology 24LC64-E/OT Datasheet HTML 34Page - Microchip Technology 24LC64-E/OT Datasheet HTML 35Page - Microchip Technology 24LC64-E/OT Datasheet HTML 36Page - Microchip Technology 24LC64-E/OT Datasheet HTML 37Page - Microchip Technology 24LC64-E/OT Datasheet HTML 38Page - Microchip Technology 24LC64-E/OT Datasheet HTML 39Page - Microchip Technology 24LC64-E/OT Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
 2010 Microchip Technology Inc.
DS21189R-page37
24AA64/24LC64/24FC64
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA64:
1.7V, 64 Kbit I2C™ Serial EEPROM
24AA64T:
1.7V, 64 Kbit I2C Serial EEPROM
(Tape and Reel)
24AA64X:
1.7V, 32 Kbit I2C Serial EEPROM in
alternate pinout (ST only)
24AA64XT: 1.7V, 32 KbitI2C Serial EEPROM in
alternate pinout (ST only)
24LC64:
2.5V, 64 Kbit I2C Serial EEPROM
24LC64T:
2.5V, 64 Kbit I2C Serial EEPROM
(Tape and Reel)
24LC64X:
2.5V, 32 Kbit I2C Serial EEPROM in
alternate pinout (ST only)
24LC64XT: 2.5V, 32 KbitI2C Serial EEPROM in
alternate pinout (ST only)
24FC64:
2.5V, 64 Kbit I2C Serial EEPROM
24FC64T:
2.5V, 64 Kbit I2C Serial EEPROM (Tape
and Reel)
Temperature
Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
P
=
Plastic DIP (300 mil body), 8-lead
SN =
Plastic SOIC (3.90 mm body), 8-lead
SM =
Plastic SOIC (5.28 mm body), 8-lead
ST
=
Plastic TSSOP (4.4 mm), 8-lead
MS =
Plastic Micro Small Outline (MSOP), 8-lead
MC =
2x3 DFN, 8-lead
MNY(1)= TDFN (2x3x0.75 mm body), 8-lead
OT =
SOT-23 (Tape and Reel only), 5-lead
CS16K(2)=Chip Scale (CS), 5-lead (I-temp, "AA", Tape
and Reel only)
Examples:
a)
24AA64-I/P:
Industrial
Temperature,
1.7V, PDIP package
b)
24AA64-I/SN: Industrial Temperature,
1.7V, SOIC package
c)
24AA64-I/SM: Industrial Temperature,
1.7V, SOIC (5.28 mm) package
d)
24AA64T-I/ST: Industrial Temperature,
1.7V, TSSOP package, tape and reel
e)
24LC64-I/P: Industrial Temperature,
2.5V, PDIP package
f)
24LC64-E/SN: Extended Temperature,
2.5V, SOIC package
g)
24LC64-E/SM: Extended Temperature,
2.5V, SOIC (5.28 mm) package
h)
24LC64-I/ST: Industrial Temperature,
2.5V, TSSOP package
i)
24AA64T-I/CS16K: Industrial Tempera-
ture, 1.7V, CS package, tape and reel
X
Note 1: "Y" indicates a Nickel Palladium Gold (NiPdAu) finish.
2: "16K" indicates 160K technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com